Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6120 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6120
Description  8-24 GHz x2 Frequency Multiplier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6120 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6120_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6120_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
AMMP-6120 Typical Performances
(TA = 25°C,Zin = Zout = 50 Ω, Vd=5V, Vg=-1.4V)
Figure 3. Output Power [2H] vs. Output Freq. at variable Pin
Figure 4. Fundamental Suppression at variable Pin
Figure 1. Output Power vs. Output Freq. @ Pin=+3dBm
Figure 6. Variation of total drain current with input power
Figure 2. Output Power vs. Output Freq. over temp @ Pin=+3dBm
Figure 5. Input and Output Return Loss
-30
-25
-20
-15
-10
-5
0
5
10
15
20
8
10
12
14
16
18
20
22
24
26
Output Frequency (GHz)
2H
1H
3H
4H
-30
-25
-20
-15
-10
-5
0
5
10
15
20
8
10
12
14
16
18
20
22
24
26
Output Frequency (GHz)
-40°C [2H]
+25°C [2H]
+85°C [2H]
-40°C [1H]
+25°C [1H]
+85°C [1H]
10
11
12
13
14
15
16
17
18
19
8
10
12
14
16
18
20
22
24
26
Output Frequency (GHz)
Pin=-2dBm
Pin= 0dBm
Pin=+2dBm
Pin=+4dBm
10
15
20
25
30
35
40
8
10
12
14
16
18
20
22
24
26
Output Frequency [GHz]
Pin=-2dBm
Pin= 0dBm
Pin=+2dBm
Pin=+4dBm
-30
-25
-20
-15
-10
-5
0
4
6
8
10
12
14
16
18
20
22
24
26
Frequncy (GHz)
S11
S22
80
90
100
110
120
130
140
150
160
-11
-9
-7
-5
-3
-1
1
3
5
7
9
11
Input Power [1H] (dBm)
Vg=-1.2V, Vd=4.5V
Vg=-1.2V, Vd=5.0V
Vg=-1.4V, Vd=4.5V
Vg=-1.4V, Vd=5.0V


Similar Part No. - AMMP-6120_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6120-BLK AVAGO-AMMP-6120-BLK Datasheet
282Kb / 7P
   8-24 GHz x2 Frequency Multiplier 5x5mm Surface Mount Package
AMMP-6120-BLK AVAGO-AMMP-6120-BLK Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6120-BLK BOARDCOM-AMMP-6120-BLK Datasheet
282Kb / 7P
   8-24 GHz x2 Frequency Multiplier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6120-TR1 AVAGO-AMMP-6120-TR1 Datasheet
282Kb / 7P
   8-24 GHz x2 Frequency Multiplier 5x5mm Surface Mount Package
AMMP-6120-TR1 AVAGO-AMMP-6120-TR1 Datasheet
118Kb / 2P
   Refer to Appendix A
More results

Similar Description - AMMP-6120_15

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6120 BOARDCOM-AMMP-6120 Datasheet
282Kb / 7P
   8-24 GHz x2 Frequency Multiplier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6125 AVAGO-AMMP-6125 Datasheet
424Kb / 9P
   10-24 GHz x2 Frequency Multiplier
AMMP-6120 AVAGO-AMMP-6120 Datasheet
282Kb / 7P
   8-24 GHz x2 Frequency Multiplier 5x5mm Surface Mount Package
logo
TriQuint Semiconductor
TGC1430F-EPU TRIQUINT-TGC1430F-EPU Datasheet
105Kb / 4P
   20 - 40 GHz X2 Frequency Multiplier
TGC1430F TRIQUINT-TGC1430F Datasheet
358Kb / 3P
   20 - 40 GHz X2 Frequency Multiplier
TGC1430F TRIQUINT-TGC1430F_15 Datasheet
221Kb / 4P
   20 - 40 GHz X2 Frequency Multiplier
logo
Hittite Microwave Corpo...
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
logo
Analog Devices
ADH561S AD-ADH561S Datasheet
723Kb / 8P
   8 to 21 GHz Output x2 Active Frequency Multiplier
Rev. A
logo
Hittite Microwave Corpo...
HMC578 HITTITE-HMC578 Datasheet
273Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
logo
Analog Devices
HMC578 AD-HMC578 Datasheet
296Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com