Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6425 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6425
Description  18-28 GHz 1W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6425 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6425_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6425_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Pout[dBm]
0.001
0.01
0.1
1
-25
-20
-15
-10
-5
0
Frequency[GHz]
-25
-20
-15
-10
-5
0
Frequency[GHz]
Frequency [GHz]
Frequency[GHz]
0.0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
15
20
25
30
35
S22_20
S22_-40
S22_85
15
20
25
30
35
S11_20
S11_-40
S11_85
20
22
24
26
28
30
32
34
16
18
20
22
24
26
28
30
P-1_85deg
P-1_20deg
P-1_-40deg
10
15
20
25
30
15
20
25
30
35
S21_20
S21_-40
S21_85
Figure 7. Typical Detector voltage vs. Output Power
Figure 8. Typical S22 over temperature
Figure 10. Typical P-1 over temperature
Figure 9. Typical S11 over temperature
Figure 11. Typical Gain over temperature


Similar Part No. - AMMP-6425_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
More results

Similar Description - AMMP-6425_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
TriQuint Semiconductor
TGA1135B TRIQUINT-TGA1135B Datasheet
1Mb / 8P
   18-27.5 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6425 AVAGO-AMMC-6425 Datasheet
663Kb / 7P
   18 - 28 GHz Power Amplifier
logo
TriQuint Semiconductor
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
   18 27 GHz 1W Power Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6420 HP-AMMP-6420 Datasheet
88Kb / 4P
   6-18 GHz 1W Power Amplifier
logo
Broadcom Corporation.
AMMC-6408 BOARDCOM-AMMC-6408 Datasheet
589Kb / 12P
   6-18 GHz 1W Power Amplifier
AMMC-6425 BOARDCOM-AMMC-6425 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com