Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1697 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1697
Description  60mA, SOT23 Inverting Charge Pump with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1697 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1697 Datasheet HTML 3Page - Maxim Integrated Products MAX1697 Datasheet HTML 4Page - Maxim Integrated Products MAX1697 Datasheet HTML 5Page - Maxim Integrated Products MAX1697 Datasheet HTML 6Page - Maxim Integrated Products MAX1697 Datasheet HTML 7Page - Maxim Integrated Products MAX1697 Datasheet HTML 8Page - Maxim Integrated Products MAX1697 Datasheet HTML 9Page - Maxim Integrated Products MAX1697 Datasheet HTML 10Page - Maxim Integrated Products MAX1697 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Detailed Description
The MAX1697 capacitive charge pumps invert the volt-
age applied to their input. For highest performance, use
low equivalent series resistance (ESR) capacitors (e.g.,
ceramic).
During the first half-cycle, switches S2 and S4 open,
switches S1 and S3 close, and capacitor C1 charges to
the voltage at IN (Figure 2). During the second half-
cycle, S1 and S3 open, S2 and S4 close, and C1 is level
shifted downward by VIN volts. This connects C1 in par-
allel with the reservoir capacitor C2. If the voltage across
C2 is smaller than the voltage across C1, charge flows
from C1 to C2 until the voltage across C2 reaches
-VIN. The actual voltage at the output is more positive
than -VIN, since switches S1–S4 have resistance and the
load drains charge from C2.
Efficiency Considerations
The efficiency of the MAX1697 is dominated by its qui-
escent supply current (IQ) at low output current and by
its output impedance (ROUT) at higher output current; it
is given by:
η≅
+


I
II
IR
V
OUT
OUT
Q
OUT
OUT
IN
1
60mA, SOT23 Inverting Charge Pump
with Shutdown
_______________________________________________________________________________________
7
0
100
50
200
150
300
250
350
450
400
500
0
234
1
567
9
810
MAX1697T
OUTPUT RIPPLE vs. CAPACITANCE
CAPACITANCE (
µF)
VIN = +1.9V, VOUT = -1.5V
VIN = +3.15V, VOUT = -2.5V
VIN = +4.75V, VOUT = -4.0V
0
100
50
200
150
300
250
350
450
400
500
0
234
1
567
9
810
MAX1697U
OUTPUT RIPPLE vs. CAPACITANCE
CAPACITANCE (
µF)
VIN = +1.9V, VOUT = -1.5V
VIN = +3.15V, VOUT = -2.5V
VIN = +4.75V, VOUT = -4.0V
Pin Description
6
Positive Terminal of the Flying
Capacitor
1
Inverting Charge-Pump Output
2
Power-Supply Voltage Input. Input
range is 1.5V to 5.5V.
3
Negative Terminal of the Flying
Capacitor
4
Ground
5
Shutdown Input. Drive this pin high
for normal operation; drive it low for
shutdown mode. OUT is actively
pulled to ground during shutdown.
PIN
FUNCTION
NAME
C1+
OUT
IN
C1-
GND
SHDN
Typical Operating Characteristics (continued)
(Circuit of Figure 1, capacitors from Table 2, VIN = +5V, SHDN = IN, TA = +25°C, unless otherwise noted.)
TE: (
C1
C2
21
5
ON
OFF
3
RL
6
4
C3
C1+
C1-
IN
SHDN
OUT
GND
INPUT
1.5V to 5.5V
NEGATIVE
OUTPUT
-1 · VIN
MAX1697
Figure 1. Typical Application Circuit


Similar Part No. - MAX1697

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
MAX16970 MAXIM-MAX16970 Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GEEA/V++ MAXIM-MAX16970GEEA/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GEEB/V++ MAXIM-MAX16970GEEB/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GTEB/V++ MAXIM-MAX16970GTEB/V+ Datasheet
397Kb / 3P
   3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
More results

Similar Description - MAX1697

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
   60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
   Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com