Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6530 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6530
Description  5??0 GHz Image Reject Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6530 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6530 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6530 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6530 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6530 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6530 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6530 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6530 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6530 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AMMP-6530 Typical Performance under Gate Pumped Down Conversion Operation (TA = 25°C, Vg = -1V, Zo = 50Ω)
8
4
7
1
2
3
6
5
drain
RF
LO
LSB
USB
Note: The external 90 hybrid coupler
is from M/A-COM: PN 2032-6344-00.
Frequency is 1.0 – 2.0 GHz.
-1V
NC
IF1
NC
IF2
Vg
NC
gate
FREQUENCY (GHz)
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
5
30
15
10
20
25
USB(dB)
LSB(dB)
FREQUENCY (GHz)
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
5
30
15
10
20
25
USB(dB)
LSB(dB)
FREQUENCY (GHz)
15
10
5
0
-5
5
30
15
10
20
25
FREQUENCY (GHz)
20
15
10
5
0
5
30
15
10
20
25
Figure 1. Conversion Gain with IF terminated for High Side Conversion
Figure 2. Conversion Gain with IF terminated for Low Side Conversion
Figure 3. RF Port Input Power P-1dB. LO=+10 dBm, IF=1 GHz.
Figure 4. Noise Figure. LO=+7 dBm, IF=1 GHz.


Similar Part No. - AMMP-6530

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-6530 HP-AMMP-6530 Datasheet
254Kb / 10P
   5-30 GHz Image Reject Mixer
logo
Broadcom Corporation.
AMMP-6530 BOARDCOM-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Agilent(Hewlett-Packard...
AMMP-6530-BLK HP-AMMP-6530-BLK Datasheet
254Kb / 10P
   5-30 GHz Image Reject Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6530-BLK AVAGO-AMMP-6530-BLK Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6530-BLK BOARDCOM-AMMP-6530-BLK Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
More results

Similar Description - AMMP-6530

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6530 AVAGO-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Broadcom Corporation.
AMMP-6530 BOARDCOM-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
DEMO-AMMP-6530 BOARDCOM-DEMO-AMMP-6530 Datasheet
592Kb / 8P
   5??0 GHz Image Reject Mixer
AMMC-6530 BOARDCOM-AMMC-6530 Datasheet
785Kb / 8P
   5??0 GHz Image Reject Mixer
logo
Agilent(Hewlett-Packard...
AMMP-6530 HP-AMMP-6530 Datasheet
254Kb / 10P
   5-30 GHz Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
logo
Peregrine Semiconductor
PE41901 PSEMI-PE41901 Datasheet
541Kb / 21P
   Image Reject Mixer, 10??9 GHz
logo
M/A-COM Technology Solu...
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com