Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6532 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6532
Description  20-32 GHz GaAs MMIC LNA/IRM Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6532 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6532 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6532 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Frequency (GHz)
-30
-20
-10
0
10
15
20
25
30
35
25C
-40C
85C
0
1
2
3
4
5
20
22
24
26
28
30
32
Frequency(GHz)
25C
-40C
85C
Figure 13. Return Loss at LO over Temp
Figure 14. Noise Figure over Temp
Biasing and Operation
The AMMP-6532 is normally biased with a positive drain
supply connected to the VDD pin and a negative gate
voltage connected to the Vg pin through bypass ca-
pacitors as shown in Figure 17. The recommended drain
supply voltage is 3 V and gate bias voltage is -1V. The cor-
responding currents are 83mA and 0.1mA respectively.
The typical required LO level is +15dBm and it should
come from a low noise driver to ensure that overall Front
End NF is low.
The image rejection performance is dependent on the
selection of the IF quadrature hybrid. The performance
of the IF hybrid as well as the phase balance and VSWR
of the interface to the AMMP-6532 will affect the overall
front end performance. It should be noted that the
placement of the external IF Hybrid coupler should be as
symmetrical as possible in regard to the two IF outputs to
obtain optimal performance.
TOP VIEW
PACKAGE BASE: GND
IF1
NC
Vdd
Vg
LO
RF
NC
IF2
USB
IF
1-3.5GHz
LSB
RF
LSBUSB
LO
IF
IF
Vdd
Vg
LO
+15dBm
1000pF
1000pF
Figure 15. Application of Receiver with IF Balun
The NF will be lowest when the IF hybrid’s phase and
magnitude imbalance are smallest since noise from
image signal is greatly rejected.
Theoretically, IF frequencies can be as low as DC.
However, when direct conversion is used (IF=DC), a
so-called phenomenon DC-offset could occur at the two
IF outputs. In most practical applications, IF should be
more than a few hundreds KHz to avoid DC-offset correc-
tion.
Refer the Absolute Maximum Ratings table for allowed
DC and thermal condition.


Similar Part No. - AMMP-6532

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6532-BLKG AVAGO-AMMP-6532-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6532-BLKG BOARDCOM-AMMP-6532-BLKG Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6532-TR1G AVAGO-AMMP-6532-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6532-TR1G BOARDCOM-AMMP-6532-TR1G Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
More results

Similar Description - AMMP-6532

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver
logo
Broadcom Corporation.
AMMP-6522 BOARDCOM-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
Hittite Microwave Corpo...
HMC261LM1 HITTITE-HMC261LM1_01 Datasheet
243Kb / 8P
   SMT DISTRIBUTED GaAs MMIC AMPLIFIER, 20 - 32 GHz
HMC261LM1 HITTITE-HMC261LM1 Datasheet
170Kb / 8P
   SMT DISTRIBUTED GaAs MMIC AMPLIFIER 20 - 32 GHz
HMC-MDB218 HITTITE-HMC-MDB218 Datasheet
130Kb / 4P
   GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
HMC-MDB218 HITTITE-HMC-MDB218_09 Datasheet
187Kb / 6P
   GaAs MMIC SUB-HARMONIC IRM MIXER, 54 - 64 GHz
logo
Analog Devices
HMC404 AD-HMC404 Datasheet
361Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED IRM MIXER, 26 - 33 GHz
logo
Hittite Microwave Corpo...
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com