Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1698EUB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1698EUB
Description  High-Efficiency Step-Up Current Regulator for LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1698EUB Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1698EUB Datasheet HTML 1Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 2Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 3Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 4Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1698EUB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
High-Efficiency Step-Up
Current Regulator for LEDs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, SHDN to GND ..................................................-0.3V to +6V
EXT, FB, CS, ADJ, REF to GND..................-0.3V to (VCC + 0.3V)
GND to PGND.....................................................................±0.3V
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature Range (soldering, 10s)......................+300°C
FB = GND, ADJ = REF, CS = GND
FB = GND, ADJ = REF
Rising edge
FB = GND
VFB = 0.3V
ADJ = REF
VADJ = 100mV
CONDITIONS
mV
30
50
70
ADJ Start Threshold
µs
10
15
20
tON(MAX)
Maximum On Time
µs
0.8
1.0
1.2
tOFF(MIN)
Minimum Off Time
ARMS
0.8
ICS
CS Input Current
A
0.8
1.5
2.5
CS Trip Current
V
2.25
2.4
2.55
Undervoltage Lockout
µA
260
500
ICC
V
2.7
5.5
VCC
Supply Voltage
Quiescent Supply Current
mV
80
Undervoltage Hysteresis
285
300
315
mV
18
24
30
VFB
FB Regulation Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VFB = 300mV
nA
-15
15
IFB
FB Input Bias Current
V
0.03
REF
VADJ
ADJ Input Range
ADJ Input Bias Current
IADJ
ADJ = REF
-50
50
nA
Shutdown Supply Current
SHDN = GND
0.01
1
µA
REF Output Voltage
VREF
IREF = 0
1.20
1.25
1.30
V
REF Load Regulation
∆VREF
IREF = 0 to 150µA
-2
-25
mV
REF Short-Circuit Current
REF = GND
0.45
1
mA
REF Power-Supply Rejection
Ratio
PSRR
VCC = 2.7V to 5.5V
+0.3
+2
mV/V
EXT Driver Sink/Source Current
VCC = 5V, EXT = 2V
0.2
A
EXT Driver On-Resistance
VCC = 5V
8
SHDN Input High Voltage
VIH
VCC = 2.7V to 5.5V
2
V
SHDN Input Low Voltage
VIL
VCC = 2.7V to 5.5V
0.8
V
SHDN Input Bias Current
ISHDN
VCC = 2.7V to 5.5V
-1
1
µA


Similar Part No. - MAX1698EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1698EUB MAXIM-MAX1698EUB Datasheet
167Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
More results

Similar Description - MAX1698EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1698 MAXIM-MAX1698_07 Datasheet
167Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
logo
Aimtron Technology
AT1314 AIMTRON-AT1314 Datasheet
312Kb / 12P
   High-Efficiency Step-Down Current Regulator For LEDs
logo
Advanced Analogic Techn...
AAT1270 ANALOGICTECH-AAT1270 Datasheet
724Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1270 ANALOGICTECH-AAT1270_08 Datasheet
566Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
logo
E-CMOS Corporation
EC9211 E-CMOS-EC9211 Datasheet
847Kb / 15P
   High Efficiency 1.5MHz, Step up Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD8213 TECHCODE-TD8213 Datasheet
838Kb / 16P
   High Efficiency 1.2MHz Step Up Regulator
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
   High Efficiency 1MHz, Step up Regulator
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
   High Efficiency 1.5MHz, Step up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com