Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACP-4010BP-00BE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ACP-4010BP-00BE
Description  Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard or Full-size SHB/SBC with Dual System Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-4010BP-00BE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ACP-4010BP-00BE Datasheet HTML 1Page - Advantech Co., Ltd. ACP-4010BP-00BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ACP-4010
Ordering Information
Model Name
Description
Backplane Version
ACP-4010BP-00BE
Without PSU with ATX switch
Motherboard Version
ACP-4010MB-00BE
Without PSU with ATX switch
Power Supply Options
(For detailed power supply specs, please refer to Chapter 13)
Part Number
80 Plus
Grade
Wattage
Type
Input
PS8-300ATX-ZBE
Bronze
300W
Single
AC 100 ~ 240 V
(full range)
PS8-400ATX-ZE
Bronze
400W
Single
AC 100 ~ 240 V
(full range)
PS8-700ATX-ZE
Bronze
700W
Single
AC 100 ~ 240 V
(full range)
RPS8-350ATX-XE
Gold
350W
1+1
Redundant
AC 100 ~ 240 V
(full range)
RPS8-500ATX-XE
Bronze
500W
1+1
Redundant
AC 100 ~ 240 V
(full range)
RPS8-750ATX-XE
Gold
750W
1+1
Redundant
AC 100 ~ 240 V
(full range)
Optional Accessories
Part Number
Description
IDT-3120E
Mobile rack for converting a 3.5" drive bay to dual
2.5" SATA HDD trays
IDT-5230E
Mobile rack for converting dual 5.25" drive bays to
three 3.5" SAS/SATA HDD trays
Spare Parts
Part Number
Description
1990001299
Fan filter 95 x 130 mm
1990001298
Door filter 150 x 68 mm
Dimensions
Unit: mm [inch]
177 [7.0]
101.6 [4.0]
492.3 [19.4]
477.4 [18.8]
92
[3.6]
92
[3.6]
92
[3.6]
98
[3.9]
BP version
MB version


Similar Part No. - ACP-4010BP-00BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4010BP-00BE ADVANTECH-ACP-4010BP-00BE Datasheet
849Kb / 2P
   Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
More results

Similar Description - ACP-4010BP-00BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4010 ADVANTECH-ACP-4010_12 Datasheet
2Mb / 2P
   4U Rackmount Chassis for ATX/CEB/EEB Motherboard or Full-size SHB/SBC with Dual System Support
ACP-4010 ADVANTECH-ACP-4010_17 Datasheet
849Kb / 2P
   Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-4340 ADVANTECH-ACP-4340 Datasheet
1Mb / 2P
   4U Rackmount Chassis for Full-size SHB/SBC
ACP-4340 ADVANTECH-ACP-4340_14 Datasheet
1Mb / 2P
   4U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with 4 Hot Swap Drive Trays
ACP-4020 ADVANTECH-ACP-4020 Datasheet
1Mb / 2P
   348mm Depth 4U Rackmount Chassis for Half-size SBC or ATX Motherboard
ACP-1010 ADVANTECH-ACP-1010_14 Datasheet
1Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
   Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
ACP-1320 ADVANTECH-ACP-1320_12 Datasheet
2Mb / 2P
   1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com