Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1700EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1700EEE
Description  1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1700EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1700EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1-Cell to 3-Cell, High-Power (1A),
Low-Noise, Step-Up DC-DC Converters
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX1700/MAX1701 are highly efficient, low-noise
power supplies for portable RF and data acquisition
instruments. The MAX1700 combines a boost switching
regulator, N-channel power MOSFET, P-channel syn-
chronous rectifier, precision reference, and shutdown
control. The MAX1701 contains all of the MAX1700 fea-
tures plus a versatile gain amplifier, POK output, and a
low-battery comparator (Figure 1). The MAX1700/
MAX1701 come in a 16-pin QSOP package, which
occupies no more space than an 8-pin SO.
The switching DC-DC converter boosts a 1- to 3-cell
input to an adjustable output between 2.5V and 5.5V.
The MAX1700/MAX1701 start from a low 1.1V input and
remain operational down to 0.7V.
These devices are optimized for use in cellular phones
and other applications requiring low noise during full-
power operation, as well as low-quiescent current for
maximum battery life during standby and shutdown
modes. They feature constant-frequency (300kHz), low-
noise PWM operation with up to 800mA output capabili-
ty. See Table 1 for typical available output current. A
low-quiescent-current, low-power mode offers an out-
put up to 100mA and reduces quiescent power con-
sumption to 200µW. In shutdown mode, the quiescent
current is further reduced to just 3µA. Figure 2 shows
the
standard
application
circuit
for
the
MAX1700/MAX1701.
Additional features include synchronous rectification for
high efficiency and improved battery life, a POK output,
and an uncommitted comparator for low-battery detec-
tion (MAX1701). A CLK input allows frequency synchro-
nization to reduce interference. Dual shutdown controls
allow shutdown using a momentary pushbutton switch
and microprocessor control (MAX1701).
2.25V
IC PWR
1.25V
FEEDBACK AND
POWER-GOOD
SELECT
REFERENCE
UNDERVOLTAGE LOCKOUT
COMPARATOR
GAIN
BLOCK
FEEDBACK
START-UP
OSCILLATOR
OSCILLATOR
300kHz
PFM/PWM
CONTROLLER
PFM/PWM
PCH
0.25
NCH
0.13
REF
EN
D
EN
POUT
LX
PGND
POK*
AO*
LBO*
N
N
N
OSC
MODE
FB
EN
Q
Q
Q
*MAX1701 ONLY
LBP*
LBN*
ONA
REF
FB
GND
CLK/SEL
ON
RDY
REF
AIN*
ONB
OUT
Figure 1. Functional Diagram


Similar Part No. - MAX1700EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000 MAXIM-MAX17000 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000A MAXIM-MAX17000A Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000A MAXIM-MAX17000A Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000AETG++ MAXIM-MAX17000AETG+ Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
More results

Similar Description - MAX1700EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1705 MAXIM-MAX1705 Datasheet
215Kb / 20P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 0; 4/97
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Analog Intergrations Co...
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com