Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1700EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1700EEE
Description  1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1700EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1700EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1700EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Input High Voltage (Note 7)
1-Cell to 3-Cell, High-Power (1A),
Low-Noise, Step-Up DC-DC Converters
_______________________________________________________________________________________
5
Note 1: Operating voltage. Since the regulator is bootstrapped to the output, once started it will operate down to 0.7V input.
Note 2: Start-up is tested with the circuit of Figure 2.
Note 3: In low-power mode (CLK/SEL = GND), the output voltage regulates 1% higher than low-noise mode (CLK/SEL = OUT or
synchronized).
Note 4: The regulator is in start-up mode until this voltage is reached. Do not apply full load current.
Note 5: Load regulation is measured from no-load to full load where full load is determined by the N-channel switch current limit.
Note 6: Supply current from the 3.30V output is measured between the 3.30V output and the OUT pin. This current correlates
directly to the actual battery supply current, but is reduced in value according to the step-up ratio and efficiency. Set VOUT
= 3.6V to keep the internal switch open when measuring the current into the device.
Note 7: ONA and ONB have hysteresis of approximately 0.15xVOUT.
Note 8: Specifications to -40°C are guaranteed by design and not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(CLK/SEL = ONA = ONB = FB = PGND = GND, OUT = POUT, VOUT = 3.6V, MAX1701: AIN = LBN = GND, LBP = REF,
TA = -40°C to +85°C, unless otherwise noted.) (Note 8)
CONDITIONS
2.5V < VOUT < 5.5V, CLK/SEL
1.2V < VOUT < 5.5V, ONA and ONB
0.2VOUT
V
0.2VOUT
Input Low Voltage (Note 7)
1.2V < VOUT < 5.5V, ONA and ONB
0.8VOUT
Input High Voltage (Note 7)
ONA, ONB, and CLK/SEL
2.5V < VOUT < 5.5V, CLK/SEL
µA
-1
1
Logic Input Current
V
0.8VOUT
CLK/SEL = OUT
kHz
260
340
Internal Oscillator Frequency
UNITS
MIN
TYP
MAX
PARAMETER
%
80
92
Oscillator Maximum Duty Cycle
kHz
200
400
External Clock Frequency
Range
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
100
90
40
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 3.3V)
50
LOAD CURRENT (mA)
60
70
80
PFM
PWM
VIN = 0.9V
VIN = 1.2V
VIN = 2.4V
100
90
40
30
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V)
50
LOAD CURRENT (mA)
60
70
80
VIN = 1.2V
VIN = 2.4V
VIN = 3.6V
PFM
PWM
0
2.0
1.0
4.0
3.0
6.0
5.0
7.0
02
3
1
456
MAX1701
SHUTDOWN CURRENT
vs. INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
T = 85°C
T = 25°C
T = -40°C
LOGIC AND CONTROL INPUTS


Similar Part No. - MAX1700EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17000 MAXIM-MAX17000 Datasheet
757Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 2/11
MAX17000A MAXIM-MAX17000A Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
MAX17000A MAXIM-MAX17000A Datasheet
691Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 1; 12/08
MAX17000A MAXIM-MAX17000A Datasheet
804Kb / 32P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 2; 11/10
MAX17000AETG++ MAXIM-MAX17000AETG+ Datasheet
750Kb / 31P
   Complete DDR2 and DDR3 Memory Power-Management Solution
Rev 0; 10/08
More results

Similar Description - MAX1700EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1705 MAXIM-MAX1705 Datasheet
215Kb / 20P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 0; 4/97
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Analog Intergrations Co...
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com