Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1LE-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1LE-NZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LE-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM1LE-NZ Datasheet HTML 1Page - AIMTEC AM1LE-NZ Datasheet HTML 2Page - AIMTEC AM1LE-NZ Datasheet HTML 3Page - AIMTEC AM1LE-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM1LE-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 4
North America only
FEATURES:
Efficiency 75%
Operating Temperature -50 oC to +125 oC
SMD Package
Input / Output Isolation of 3500 VDC
Low Ripple & Noise
Pin Compatible with multiple manufacturers
Continuous Short Circuit Protection
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current Max
/ Min (mA)
Isolation
(VDC)
Max
Capacitiv
e Load
Input Current
Max Load | No Load
Efficiency
(%)
AM1LE-0505SH35-NZ
4.5-5.5
5.0
200 / 20
3500
220
267
20
75
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
Filter
Capacitor
Reflected Ripple Current
15
mA
Absolute Maximum Rating
5V input models
-0.7 to 9
VDC
No Load Input Current
20
mA
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec, <1mA
3500
VDC
Resistance
500VDC
>1000
MOhm
Capacitance
20
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Nominal load (See tolerance graph)
±2.5
%
Short Circuit protection
continuous
Line voltage regulation
Per 1% of Vin Change
1.2
%
Load voltage regulation (Single)
10% to 100% load
12
%
Temperature coefficient
Nominal Input
±0.03
%/oC
Ripple & Noise
20MHz Bandwidth
60
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100
300
KHz
Operating temperature
No derating up to +105 C (see derating graph) -50 to +125
oC
Storage temperature
-55 to +135
oC
Maximum case temperature
100
oC
Cooling
Free Air Convection
Humidity
Non Condensing
95
% RH
Case material
Epoxy Resin (UL94-V0)
Weight
1.5
g
Dimensions (L x W x H)
0.50 x 0.44 x 0.28 inches
12.70 x 11.20 x 7.25 mm
MTBF
3.5M hours
Maximum soldering temperature
300 (1.5mm from case for 10 seconds)
oC
Click on Series name for product info on aimtec.com


Similar Part No. - AM1LE-NZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0303D-N ETC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
List of Unclassifed Man...
AM1L-0303DH30-N ETC-AM1L-0303DH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

Similar Description - AM1LE-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com