Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1A4824SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1A4824SZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1A4824SZ Datasheet(HTML) 1 Page - AIMTEC

  AM1A4824SZ Datasheet HTML 1Page - AIMTEC AM1A4824SZ Datasheet HTML 2Page - AIMTEC AM1A4824SZ Datasheet HTML 3Page - AIMTEC AM1A4824SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM1A-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
1 of 4
North America only
FEATURES:
 RoHS compliant
Operating temperature -40oC to + 85oC
 Regulated output voltage
Input / Output Isolation 1500 VDC
 Low ripple and noise
Pin compatible with multiple manufacturers
 High efficiency up to 81%
 No Minimum Load Required
6 pin SIP package
Wide 2:1 Input Range
Models
Single output
Model
Input
Voltage
(VDC)
Low line
Input
current
FL (mA)
Input Current
FL | No Load
(mA)
Output
Voltage
(VDC)
Output
Current
(mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(Full load)
(%)
AM1A-0505SZ
4.5 - 9
289
263
35
5
200
1500
1680
76
AM1A-0512SZ
4.5 - 9
278
253
35
12
83
1500
820
79
AM1A-0515SZ
4.5 - 9
275
250
35
15
67
1500
680
80
AM1A-0524SZ
4.5 - 9
275
250
35
24
42
1500
470
80
AM1A-1205SZ
9 - 18
141
107
20
5
200
1500
1680
78
AM1A-1212SZ
9 - 18
138
105
20
12
83
1500
820
80
AM1A-1215SZ
9 - 18
136
103
20
15
67
1500
680
81
AM1A-1224SZ
9 - 18
138
105
20
24
42
1500
470
80
AM1A-2405SZ
18 - 36
71
54
10
5
200
1500
1680
78
AM1A-2412SZ
18 - 36
68
52
10
12
83
1500
820
80
AM1A-2415SZ
18 - 36
69
52
10
15
67
1500
680
80
AM1A-2424SZ
18 - 36
68
52
10
24
42
1500
470
81
AM1A-4805SZ
36 - 75
36
28
7
5
200
1500
1680
76
AM1A-4812SZ
36 - 75
35
27
7
12
83
1500
820
78
AM1A-4815SZ
36 - 75
34
27
7
15
67
1500
680
78
AM1A-4824SZ
36 - 75
34
27
7
24
42
1500
470
77
  FL= Full Load 
Models
Dual output
Model
Input
Voltage
(VDC)
Low line
Input
current
FL (mA)
Input Current
FL | No Load
(mA)
Output
Voltage
(VDC)
Output
Current
(mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(Full load)
(%)
AM1A-0512DZ
4.5 - 9
285
259
35
±12
±42
1500
±470
77
AM1A-0515DZ
4.5 - 9
282
254
35
±15
±33
1500
±330
79
AM1A-1212DZ
9 - 18
138
106
20
±12
±42
1500
±470
79
AM1A-1215DZ
9 - 18
138
105
20
±15
±33
1500
±330
80
AM1A-2412DZ
18 - 36
69
52
10
±12
±42
1500
±470
80
AM1A-2415DZ
18 - 36
70
53
10
±15
±33
1500
±330
79
AM1A-4812DZ
36 - 75
34
27
7
±12
±42
1500
±470
77
AM1A-4815DZ
36 - 75
35
27
7
±15
±33
1500
±330
77
FL= Full Load 
Click on Series name for product info on aimtec.com


Similar Part No. - AM1A4824SZ

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
AM1A-12 RAYEX-AM1A-12 Datasheet
577Kb / 2P
   AM1 SERIES
More results

Similar Description - AM1A4824SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com