Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM10EW-11024S-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM10EW-11024S-NZ
Description  10 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10EW-11024S-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM10EW-11024S-NZ Datasheet HTML 1Page - AIMTEC AM10EW-11024S-NZ Datasheet HTML 2Page - AIMTEC AM10EW-11024S-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM10EW-NZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load
max (μF)
Efficiency
(%)
AM10EW-11005S-NZ
40~160
5
2000
2200
81
AM10EW-11012S-NZ
40~160
12
833
220
85
AM10EW-11015S-NZ
40~160
15
667
100
85
AM10EW-11024S-NZ
40~160
24
416
47
86
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
110
40~160
170
VDC
Filter
π
(Pi) Network
Input Surge Voltage (1sec max.)
180
VDC
Start-up Voltage
40
VDC
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
1 min
1500
VDC
Resistance
> 1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto Recovery
Transient Recovery Time
25% Load Step
Change
500
1000
µs
Transient Deviation Response
±3
±5
%
Line voltage regulation
Full Load (HL-LL)
±0.2
±0.5
%
Load voltage regulation
5-100% load
±0.5
±1
%
Over Voltage Protection
120
140
% Vo
Temperature coefficient
±0.03
%/oC
Ripple & Noise
20Mhz bandwidth
100
mV p-p
Efficiency up to 86%
Low ripple and noise
Ultra Wide 4:1 input range
Over Voltage Protection
Continuous Short Circuit Protection
Operating temperature -40oC to + 85oC
● Input / Output Isolation 1500VDC
Click on Series name for product info on aimtec.com


Similar Part No. - AM10EW-11024S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10EW-2403SC AIMTEC-AM10EW-2403SC Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10EW-2403SZ AIMTEC-AM10EW-2403SZ Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-2405DZ AIMTEC-AM10EW-2405DZ Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-2405SC AIMTEC-AM10EW-2405SC Datasheet
288Kb / 2P
   10 watt dc-dc converters
AM10EW-2405SZ AIMTEC-AM10EW-2405SZ Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
More results

Similar Description - AM10EW-11024S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com