Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1PS2424SNZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1PS2424SNZ
Description  1 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1PS2424SNZ Datasheet(HTML) 1 Page - AIMTEC

  AM1PS2424SNZ Datasheet HTML 1Page - AIMTEC AM1PS2424SNZ Datasheet HTML 2Page - AIMTEC AM1PS2424SNZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM1PS-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.B
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max.
Capacitive
Load (µF)
Efficiency
(%)
AM1PS-0303S-NZ
2.97-3.63
3.3
303
1500
220
75
AM1PS-0305S-NZ
2.97-3.63
5
200
1500
220
80
AM1PS-0503S-NZ
4.5-5.5
3.3
303
1500
220
76
AM1PS-0505S-NZ
4.5-5.5
5
200
1500
220
80
AM1PS-0509S-NZ
4.5-5.5
9
111
1500
220
80
AM1PS-0512S-NZ
4.5-5.5
12
84
1500
220
81
AM1PS-0515S-NZ
4.5-5.5
15
67
1500
220
81
AM1PS-0524S-NZ
4.5-5.5
24
42
1500
220
81
AM1PS-1203S-NZ
10.8-13.2
3.3
303
1500
220
76
AM1PS-1205S-NZ
10.8-13.2
5
200
1500
220
80
AM1PS-1209S-NZ
10.8-13.2
9
110
1500
220
80
AM1PS-1212S-NZ
10.8-13.2
12
83
1500
220
81
AM1PS-1215S-NZ
10.8-13.2
15
67
1500
220
80
AM1PS-2403S-NZ
21.6-26.4
3.3
303
1500
220
76
AM1PS-2405S-NZ
21.6-26.4
5
200
1500
220
80
AM1PS-2409S-NZ
21.6-26.4
9
110
1500
220
80
AM1PS-2412S-NZ
21.6-26.4
12
83
1500
220
81
AM1PS-2415S-NZ
21.6-26.4
15
67
1500
220
82
AM1PS-2424S-NZ
21.6-26.4
24
42
1500
220
82
- Please note Aimtec product change announcement located here www.aimtec.com/news for product specification changes
effective February 7th 2015.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
3.3
2.97-3.63
VDC
5
4.5-5.5
12
10.8-13.2
15
13.5-16.5
24
21.6-26.4
Absolute Max Rating (1 sec. max.)
3.3
5
12
15
24
5
9
18
21
30
VDC
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
20
pF
 Unregulated
 Operating temperature -40oC to + 105oC
 8 Pin DIP Package
 Input / Output isolation 1500 VDC
 Low ripple and noise
 Pin compatible with multiple manufacturers
 High efficiency up to 82%
 Continuous Short Circuit Protection
Click on Series name for product info on aimtec.com


Similar Part No. - AM1PS2424SNZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1PS-0505DH30Z AIMTEC-AM1PS-0505DH30Z Datasheet
367Kb / 3P
   1 Watt | DC-DC Converter
AM1PS-0505DZ AIMTEC-AM1PS-0505DZ Datasheet
367Kb / 3P
   1 Watt | DC-DC Converter
AM1PS-0505SH30JZ AIMTEC-AM1PS-0505SH30JZ Datasheet
693Kb / 3P
   DC-DC Converter
AM1PS-0505SH30Z AIMTEC-AM1PS-0505SH30Z Datasheet
367Kb / 3P
   1 Watt | DC-DC Converter
AM1PS-0505SZ AIMTEC-AM1PS-0505SZ Datasheet
367Kb / 3P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1PS2424SNZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com