Electronic Components Datasheet Search |
|
ADAM-6060 Datasheet(PDF) 1 Page - Advantech Co., Ltd. |
|
ADAM-6060 Datasheet(HTML) 1 Page - Advantech Co., Ltd. |
1 / 2 page Ethernet I/O Modules More Information Click Here NEW ADAM-6060 6-ch Digital Input and 6-ch Relay Modbus TCP Module Main Features 6-ch DI, 6-ch RL, Ethernet-based smart I/O Remote monitoring and control with mobile devices Group configuration capability for multiple module setup Flexible user-defined Modbus address Intelligent control ability by Peer-to-Peer and GCL function Active I/O message by data stream or event trigger function Multiple protocol support: Modbus TCP, TCP/IP, UDP, HTTP, DHCP Web language support: XML, HTML 5, Java Script Introduction ADAM-6000 accomplishes the integration of automation and enterprise systems easily through internet technology, so that users can avoid changing the entire architecture of the control system and even remotely monitor the device status more flexibly. ADAM-6000 modules are empowered by peer-to-peer (P2P) and Graphic Condition Logic (GCL), and can perform as standalone products for measurement, control and automation. Instead of having additional controllers or programming, system configurations can be done in an extremely short time with the easy-to-use and intuitive graphic utility. Features Group Configuration Capability for Multiple Module Setup To aid configuration and save time, engineers can configure and upgrade the firmware of multiple ADAM-6000s simultaneously. Architecture Remote Monitoring and Control with Smart Phone With support for HTML5, the ADAM-6000 can be monitored and controlled from any browser on mobile devices whilst in the field and when the engineer is connected to their network. Advanced Security and High Reliability ADAM-6000 Ethernet I/O modules have fast response time, and advanced security and reliability. When communication is broken, the digital output module can generate pre- defined values to ensure safety. Peer-to-Peer Modules will actively update the input channel status to specific output channels. Without dealing with the trouble of long distance wiring, users can define the mapping between a pair of modules. Graphic Condition Logic Users can define the control logic rules through graphical configuration Utility, and download defined logic rules to specific ADAM module. Then, it will execute the logic rules automatically just like a standalone controller. All product specifications are subject to change without notice Last updated : 13-Jul-2015 |
Similar Part No. - ADAM-6060 |
|
Similar Description - ADAM-6060 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |