Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1SS-2424SNZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1SS-2424SNZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1SS-2424SNZ Datasheet(HTML) 2 Page - AIMTEC

  AM1SS-2424SNZ Datasheet HTML 1Page - AIMTEC AM1SS-2424SNZ Datasheet HTML 2Page - AIMTEC AM1SS-2424SNZ Datasheet HTML 3Page - AIMTEC AM1SS-2424SNZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM1SS-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.B
2 of 4
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See tolerance graph
±5
%
Short Circuit protection
Continuous with automatic recovery
Line voltage regulation
For 1.0% Vin, 3.3V Model
For 1.0% Vin, Other Model
±1.5
±1.2
% of Vin
Load voltage regulation
Load 10 – 100%
12
%
Temperature coefficient
±0.03
%/oC
Ripple & Noise
At 20 MHz Bandwidth
60
m Vp-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100-300
KHz
Operating temperature
Derating Above 85oC
-40 to +105
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
125
oC
Cooling
Free air convection
Humidity
Non condensing
95
%
Soldering Lead Temperature
1.5mm from Lead, for 10 Sec
300
oC
Case material
Plastic UL94-VO
Weight
1.2
g
Dimensions (L x H x W)
0.46 x 0.40x 0.24 inches
11.60 x 10.10 x 6.00 mm
MTBF
>3500K hrs(MIL-HDBK -217F, Ground Benign, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency approvals
cULus (without 15V input and without 3.3V output models)
Standards
UL 60950-1


Similar Part No. - AM1SS-2424SNZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1SS-2405SH30Z AIMTEC-AM1SS-2405SH30Z Datasheet
209Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-2405SZ AIMTEC-AM1SS-2405SZ Datasheet
209Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-2412SH30Z AIMTEC-AM1SS-2412SH30Z Datasheet
209Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-2412SZ AIMTEC-AM1SS-2412SZ Datasheet
209Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-2415SH30Z AIMTEC-AM1SS-2415SH30Z Datasheet
209Kb / 2P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1SS-2424SNZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com