Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1709 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1709
Description  4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1709 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1709 Datasheet HTML 4Page - Maxim Integrated Products MAX1709 Datasheet HTML 5Page - Maxim Integrated Products MAX1709 Datasheet HTML 6Page - Maxim Integrated Products MAX1709 Datasheet HTML 7Page - Maxim Integrated Products MAX1709 Datasheet HTML 8Page - Maxim Integrated Products MAX1709 Datasheet HTML 9Page - Maxim Integrated Products MAX1709 Datasheet HTML 10Page - Maxim Integrated Products MAX1709 Datasheet HTML 11Page - Maxim Integrated Products MAX1709 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4A, Low-Noise, High-Frequency,
Step-Up DC-DC Converter
_______________________________________________________________________________________
9
troller functional diagram. The MAX1709 enters syn-
chronized current-mode PWM when a clock signal
(350kHz < fCLK < 1000kHz) is applied to CLK. For
wireless or noise-sensitive applications, this ensures
that switching harmonics are predictable and kept out-
side the IF frequency band(s). High-frequency opera-
tion permits low-magnitude output ripple voltage and
minimum inductor and filter capacitor size. Switching
losses will increase at the higher frequencies (see
Power Dissipation).
Setting the Output Voltage
The MAX1709 features Dual Mode™ operation. When
FB is connected to ground, the MAX1709 generates a
fixed output voltage of either +3.3V or +5V, depending
on the logic applied to the 3.3/5 input (Figure 1). The
output can be configured for other voltages, using two
external resistors as shown in Figure 4. To set the out-
put voltage externally, choose an R3 value that is large
enough to minimize load at the output but small enough
to minimize errors due to leakage and the time constant
to FB. A value of R4
50k
Ω is required.
where VFB = 1.24V.
Soft-Start/Current-Limit Adjustment
(SS/LIM)
The soft-start pin allows the soft-start time to be adjust-
ed by connecting a capacitor from SS/LIM to ground.
Select capacitor C3 (connected to SS/LIM pin) as:
C3 (in µF) = 3.2 tSS
where tSS is the time (in seconds) it takes the switch
current limit to reach full value.
To improve efficiency or reduce inductor size at
reduced load currents, the current limit can be reduced
from its nominal value (see Electrical Characteristics).
A resistor (R1 in Figure 1) between SS/LIM and ground
reduces the current limit as follows:
Rk
I
I
Rk
LIM
1
312 5
1
312 5
1
.
.
()
ΩΩ
RR
V
V
OUT
FB
34
1
=−


_______________________________________________________________________________________
ONA
ONB
MAX1709
00
On
0
1
Off
10
On
11
On
Figure 2. Simplified Functional Diagram
Table 2. Selecting Switching Frequency
Table 1. On/Off Logic Control
CLK
MODE
0
Not allowed
1
PWM
External clock
(350kHz
−1000kHz)
Synchronized PWM
N
PWM
CONTROLLER
STARTUP
OSCILLATOR
SEE
FIGURE 3.
OSC
UNDERVOLTAGE LOCKOUT
FB
EN
D
EN
Q
600kHz
OSCILLATOR
EN
REFERENCE
ON
RDY
DUAL MODE
FB
LX
PGND
1.260V
2.15V
OUT
ONA
ONB
REF
CLK
FB
3.3/5
GND
IC POWER
MAX1709
OUT
Dual Mode is a trademark of Maxim Integrated Products.


Similar Part No. - MAX1709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1709 MAXIM-MAX1709 Datasheet
315Kb / 14P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Rev 2; 4/07
MAX1709 MAXIM-MAX1709 Datasheet
318Kb / 13P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
2015
MAX17094 MAXIM-MAX17094 Datasheet
569Kb / 13P
   Digitally Programmable Op-Amp Output Voltage
Rev 0; 2/09
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX17094ETM++ MAXIM-MAX17094ETM+ Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
More results

Similar Description - MAX1709

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1709 MAXIM-MAX1709_07 Datasheet
315Kb / 14P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Rev 2; 4/07
MAX1709 MAXIM-MAX1709_V01 Datasheet
318Kb / 13P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
2015
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX1708 MAXIM-MAX1708_10 Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
   Low Noise, Step-Up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com