Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20CW-2412S-FZ-K Datasheet(PDF) 1 Page - AIMTEC

Part # AM20CW-2412S-FZ-K
Description  20Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20CW-2412S-FZ-K Datasheet(HTML) 1 Page - AIMTEC

  AM20CW-2412S-FZ-K Datasheet HTML 1Page - AIMTEC AM20CW-2412S-FZ-K Datasheet HTML 2Page - AIMTEC AM20CW-2412S-FZ-K Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM20CW-FZ
20Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.A
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max (A)
Isolation
(VDC)
Input Current
Full | No Load
(mA)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM20CW-2403S-FZ-K
9-36
3.3
4.5
1500
755
63
24700
86
AM20CW-2405S-FZ-K
9-36
5
4
1500
992
63
14700
88
AM20CW-2412S-FZ-K
9-36
12
1.67
1500
970
83
4700
90
AM20CW-2415S-FZ-K
9-36
15
1.33
1500
967
70
2200
90
AM20CW-4803S-FZ-K
18-75
3.3
4.5
1500
373
29
32200
87
AM20CW-4805S-FZ-K
18-75
5
4
1500
490
30
23300
89
AM20CW-4812S-FZ-K
18-75
12
1.67
1500
486
38
3300
90
AM20CW-4815S-FZ-K
18-75
15
1.33
1500
477
32
1000
91
Models
Dual output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
Max (A)
Isolation
(VDC)
Input Current
Full | No Load
(mA)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM20CW-2405D-FZ-K
9-36
±5
±2
1500
990
59
±7000
86
AM20CW-2412D-FZ-K
9-36
±12
±0.833
1500
992
60
±2200
88
AM20CW-2415D-FZ-K
9-36
±15
±0.667
1500
981
83
±1000
89
AM20CW-4805D-FZ-K
18-75
±5
±2
1500
490
35
±7000
86
AM20CW-4812D-FZ-K
18-75
±12
±0.833
1500
490
35
±680
89
AM20CW-4815D-FZ-K
18-75
±15
±0.667
1500
490
35
±470
88
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage Range
24
48
9-36
18-75
VDC
Filter
π
Start Up Time
Nominal Vin with constant resistive load
76
ms
Absolute Maximum Rating
24 Vin
48 Vin
50
100
VDC
On/Off Control
ON 3.5 to 12VDC (or open) ; OFF 0 to 0.7 VDC or short to Vin pin 2
On source current <0.2mA, OFF idle current <12mA
Input Reflected Ripple Current
60
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O Voltage
3 sec
1500
VDC
Resistance
>1000
MOhm
Capacitance
450
pF
 Ultra Compact Footprint 1”x1”
 Output Short Circuit Protection
 Ultra-Wide Input Range 4:1
 Operating Temperature -40ºC to +85ºC
 Soft start feature
 Over Voltage, Over Load Protection
 Remote ON / OFF Function
 Efficiency up to 91%
Click on Series name for product info on aimtec.com


Similar Part No. - AM20CW-2412S-FZ-K

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20CW-2412S-NZ AIMTEC-AM20CW-2412S-NZ Datasheet
718Kb / 6P
   DC-DC Converter
More results

Similar Description - AM20CW-2412S-FZ-K

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
20ACEW GAPTEC-20ACEW Datasheet
588Kb / 5P
   20Watt - AC-DC converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com