Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20EW-11012S-NZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM20EW-11012S-NZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20EW-11012S-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM20EW-11012S-NZ Datasheet HTML 1Page - AIMTEC AM20EW-11012S-NZ Datasheet HTML 2Page - AIMTEC AM20EW-11012S-NZ Datasheet HTML 3Page - AIMTEC AM20EW-11012S-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM20EW-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
3 of 4
North America only
Trimming
Output voltage can be externally trimmed by utilizing the methods as shown below
Fixed Resistor
Variable Potentiometer
Leave open if not used.
AM20EW‐11005S‐NZ 
Trim down % 
3
4
5
6
8
9
10
Vout (VDC) 
4.95 
4.9 
4.85
4.8
4.75
4.7
4.65 
4.6
4.55
4.5
Rt down (KΩ) 
96.08 
49.349 
30.67
20.616
14.333
10.034
6.909 
4.533
2.667
1.162
Trim up % 
3
4
5
6
8
9
10
Vout (VDC) 
5.05 
5.1 
5.15
5.2
5.25
5.3
5.35 
5.4
5.45
5.5
Rt up (KΩ) 
205.698 
76.406 
44.023
29.296
20.879
15.431
11.617 
8.798
6.63
4.91
AM20EW‐11012S‐NZ 
Trim down % 
3
4
5
6
9
10
Vout (VDC) 
11.88 
11.76 
11.64
11.52
11.4
11.28
11.16 
11.04 
10.92
10.8
Rt down (KΩ) 
505.529  303.041  211.851
159.978
126.504
103.114
85.849 
72.581 
62.066
53.527
Trim up % 
3
4
5
6
9
10
Vout (VDC) 
12.12 
12.24 
12.36
12.48
12.6
12.72
12.84 
12.96 
13.08
13.2
Rt up (KΩ) 
614.769  150.097 
78.994
50.198
34.607
24.832
18.13 
13.249 
9.536
6.616
AM20EW‐11015S‐NZ 
Trim down % 
3
4
5
6
8
9
10
Vout (VDC) 
14.85 
14.7 
14.55
14.4
14.25
14.1
13.95 
13.8
13.65
13.5
Rt down (KΩ) 
570.165  371.335  271.179
210.846
170.524
141.673
120.008  103.142
89.638
78.584
Trim up % 
3
4
5
6
8
9
10
Vout (VDC) 
15.15 
15.3 
15.45
15.6
15.75
15.9
16.05 
16.2
16.35
16.5
Rt up (KΩ) 
3208.668  231.297 
104.85
63.553
43.061
30.815
22.672 
16.865
12.516
9.136


Similar Part No. - AM20EW-11012S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20EW-2403SZ AIMTEC-AM20EW-2403SZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-2403SZ AIMTEC-AM20EW-2403SZ Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20EW-2405DZ AIMTEC-AM20EW-2405DZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-2405DZ AIMTEC-AM20EW-2405DZ Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20EW-2405SZ AIMTEC-AM20EW-2405SZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20EW-11012S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com