Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20EW-11015S-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM20EW-11015S-NZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20EW-11015S-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM20EW-11015S-NZ Datasheet HTML 1Page - AIMTEC AM20EW-11015S-NZ Datasheet HTML 2Page - AIMTEC AM20EW-11015S-NZ Datasheet HTML 3Page - AIMTEC AM20EW-11015S-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM20EW-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 4
North America only
Picture coming soon
FEATURES:
 Efficiency up to 89%
On/Off Remote Control
 Ultra wide 4:1 Input range
Over Voltage Protection
 Continuous short circuit protection
Input / Output Isolation 1500VDC
 Operating Temperature: -40oC to +85oC
Over Current protection
Models
Single output
Model
Input
Voltage
(V)
Output
Voltage
(V)
Output Current
max
(mA)
Isolation
(VDC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM20EW-11005S-NZ
40-160
5
4000
1500
4020
89
AM20EW-11012S-NZ
40-160
12
1667
1500
1600
88
AM20EW-11015S-NZ
40-160
15
1333
1500
1000
88
AM20EW-11024S-NZ
40-160
24
833
1500
470
88
Add suffix “-K” for optional heat sink
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
110
40-160
VDC
Filter
π(Pi) Network
Start up time
10
ms
Absolute Maximum Rating
110
200
VDC
Peak Input Voltage time
100
ms
On/Off control
ON – open or 3.5-12VDC ; OFF – short to –Vin or 0-1.2VDC, Idle current 1mA
No load Input Current
15
mA
Input reflected current
25
mA
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
60 sec, 1mA
1500
VDC
Resistance
>1000
MOhm
Capacitance
2000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Over voltage protection
Zener Diode Clamp
%
Over current protection
130
170
% of Io
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
Full load, LL-HL
±0.5
% of Vin
Load voltage regulation
5% to 100% load
±1
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
100
mV p-p
Voltage adjustment range
±10
%
Minimum Load Current
5
% of Max
Transient recovery time
25% load step change
800
µS
Transient recovery deviation
25% load step change
±5
%


Similar Part No. - AM20EW-11015S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20EW-2403SZ AIMTEC-AM20EW-2403SZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-2403SZ AIMTEC-AM20EW-2403SZ Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20EW-2405DZ AIMTEC-AM20EW-2405DZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-2405DZ AIMTEC-AM20EW-2405DZ Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20EW-2405SZ AIMTEC-AM20EW-2405SZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20EW-11015S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com