Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20EW-11015S-NZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM20EW-11015S-NZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20EW-11015S-NZ Datasheet(HTML) 4 Page - AIMTEC

  AM20EW-11015S-NZ Datasheet HTML 1Page - AIMTEC AM20EW-11015S-NZ Datasheet HTML 2Page - AIMTEC AM20EW-11015S-NZ Datasheet HTML 3Page - AIMTEC AM20EW-11015S-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM20EW-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
4 of 4
North America only
AM20EW‐11024S‐NZ 
Trim down % 
3
4
5
6
9
10
Vout (VDC) 
23.76 
23.52 
23.28
23.04
22.8
22.56
22.32 
22.08 
21.84
21.6
Rt down (KΩ) 
1135.537  730.699  532.922 415.701 338.146 283.038 241.862  209.929  184.441 163.624
Trim up % 
3
4
5
6
9
10
Vout (VDC) 
24.24 
24.48 
24.72
24.96
25.2
25.44
25.68 
25.92 
26.16
26.4
Rt up (KΩ) 
2871.219  219.961  106.182
66.054
45.551
33.104
24.745 
18.744 
14.226
10.703
Derating
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
Free Air Convection
65ºC with heat sink
55ºC without heat sink
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified. 5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet
. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AM20EW-11015S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20EW-2403SZ AIMTEC-AM20EW-2403SZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-2403SZ AIMTEC-AM20EW-2403SZ Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20EW-2405DZ AIMTEC-AM20EW-2405DZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-2405DZ AIMTEC-AM20EW-2405DZ Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20EW-2405SZ AIMTEC-AM20EW-2405SZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20EW-11015S-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com