Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMAX-1240-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMAX-1240-AE
Description  Open Frame Type 2/ 4-axis AMONet Motion Slave Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMAX-1240-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMAX-1240-AE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
AMAX-1220
AMAX-1240
Specifications
Pulse Type Motion Control
ƒ
Motor Driver Support
Pulse-type servo
ƒ
Number of Axes
AMAX-1220: 2
AMAX-1240: 4
ƒ
Interpolation
Linear and circular
ƒ
Max. Output Speed
6.5 Mpps
ƒ
Step Count Range
±134, 217, 728
ƒ
Pulse Output Type
OUT/DIR, CW/CCW, A/B phase
ƒ
Position Counter
±134, 217, 728
ƒ
Home Modes
13
ƒ
Velocity Profiles
T-Curve, S-Curve
ƒ
Local I/O
Machine Interfaces:
EL+/-, ORG and SD (Slow Down) for Each Axis
Servo Driver Interfaces:
ALM, RDY, SVON, INP, Break for Each Axis
Position Compare I/O:
LTC, CMP for Each Axis(Only available for
AMAX-1240-AE)
Simultaneous Move Within
Multiple Modules:
CSTA/CSTP (Simultaneously Start/Stop) for
each model
General Purpose I/O:
AMAX-1220 supports 8xDI and 8xDO
Encoder Interface
ƒ
Input Type
A/B phase, CW/CCW
ƒ
Counts per Enc. Cycle x1, x2, x4 (AB phase only)
ƒ
Input Range
Low: 0 ~ 0.5V
High: 3.5 ~ 7V
ƒ
Isolation Protection
2,500 VRMS
ƒ
Max. Input Frequency 2 MHz @ 5 V
General
ƒ
Bus Type
AMONet RS-485
ƒ
Certification
CE, FCC Class A
ƒ
Connectors
RJ-45 x 2 are for communication port
DB-26 connector by transfer cable to servo
drives. Other are screw terminal type connectors
ƒ
Dimensions (L x W x H) 141 x 108 x 60 mm (5.6" x 4.3" x 2.4")
ƒ
System Power
2 W @ 24 V typical
Consumption
Output Channel Power
Consumption
120W typical, 240W max.
Input Channel Power
Consumption
AMAX-1220: 8 W @ 24 V external power (max.)
AMAX-1240: 10 W @ 24 V external power (max.)
ƒ
System Power Input
24 VDC within 200 mV ripple
ƒ
Humidity
5 ~ 95% RH, non-condensing (IEC 60068-2-3)
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 140°F)
Ordering Information
ƒ
AMAX-1220-AE
Economic 2-axis AMONet Motion Control Module
ƒ
AMAX-1240-AE
Advanced 4-axis AMONet Motion Control Module
Accessories
ƒ
PCL-10153PA5-2E
50-pin Cable to Panasonic A4 and A5 Servo, 2 m
ƒ
PCL-10153PA5LS-2E
50-pin Cable to Panasonic MINAS A Servo, 2 m
ƒ
PCL-10153YS5-2E
50-pin Cable to Yaskawa Sigma V Servo, 2 m
ƒ
PCL-10153MJ3-2E
50-pin Cable to Mitsubishi J3 Servo, 2 m
ƒ
●PCL-10153DA2-2E
50-pin Cable from ADAM-3955/ADAM-3956 to Delta
A2 Servo, 2 m
Introduction
AMAX-1220 and AMAX-1240 have compact open frame designs for horizontal placement and an interface connector mounted on the board. With a transfer cable to servo drive, both
models can conveniently connect to Mitsubishi J3, Yaskwa Sigma V and Panasonic A4/A5.
The AMAX-1220 is an economic 2-axis AMONet slave module which supports motion functionality in point-to-point (PTP), linear & circular interpolation, simultaneously start/
stop among multiple slave modules, and brake signal to servo for emergence consideration. The AMAX-1240 is an advanced 4-axis AMONet slave module which not only supports
AMAX-1220 motion functionality, but also supports advanced features in position compare and triggering function. Both linear interval and table setups are supported.
ƒ End limit logic is switchable (high or low active)
ƒ BoardID is switchable
ƒ Easily visible LED indicators on board to do diagnosis
ƒ Direct wire to servo drive to save terminal board space while installation
ƒ Max. 6.5 MHz, 4-axis pulse output
ƒ 28 bits counter for incremental encoder
ƒ Horizontal installation for for servo or stepping motor driver
ƒ Suitable for DIN-rail mounting
Open Frame Type 2/ 4-axis AMONet
Motion Slave Modules
NEW
AMAX-1220
AMAX-1240
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - AMAX-1240-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-1752 ADVANTECH-AMAX-1752 Datasheet
292Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
27-Jul-2016
AMAX-1752-AE ADVANTECH-AMAX-1752-AE Datasheet
209Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
AMAX-1752-AE ADVANTECH-AMAX-1752-AE Datasheet
292Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
27-Jul-2016
AMAX-1752 ADVANTECH-AMAX-1752_15 Datasheet
209Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
AMAX-1754 ADVANTECH-AMAX-1754 Datasheet
292Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
27-Jul-2016
More results

Similar Description - AMAX-1240-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-2241 ADVANTECH-AMAX-2241_14 Datasheet
254Kb / 1P
   4-axis AMONet Motion Slave Modules
AMAX-2240 ADVANTECH-AMAX-2240 Datasheet
532Kb / 1P
   4-axis AMONet Motion Slave Modules
AMAX-2240 ADVANTECH-AMAX-2240_V01 Datasheet
268Kb / 1P
   4-axis AMONet Motion Slave Modules
19-Mar-2014
AMAX-3245 ADVANTECH-AMAX-3245 Datasheet
375Kb / 1P
   Advanced 4-axis EtherCAT Motion Slave Modules
21-Feb-2020
AMAX-3285IO ADVANTECH-AMAX-3285IO Datasheet
278Kb / 1P
   Advanced 8-axis EtherCAT Motion Slave Modules with 16DI/16DO Expansion
9-Dec-2019
AMAX-1752 ADVANTECH-AMAX-1752 Datasheet
292Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
27-Jul-2016
AMAX-1752 ADVANTECH-AMAX-1752_15 Datasheet
209Kb / 1P
   Open Frame Type 32-ch Isolated Digital Input/Output Slave Modules
ADAM-5202 ADVANTECH-ADAM-5202 Datasheet
619Kb / 1P
   2-port AMONet Master Module 4-axis Stepping/Pulse-type Servo Motor Control Module
logo
List of Unclassifed Man...
PCI-8504 ETC2-PCI-8504 Datasheet
762Kb / 2P
   4-Axis Motion Control Board
logo
Adlink Technology Inc.
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
   Advanced 2-axis Servo & Stepper Motion Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com