Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20CW-4815S-FZ-K Datasheet(PDF) 2 Page - AIMTEC

Part # AM20CW-4815S-FZ-K
Description  20Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20CW-4815S-FZ-K Datasheet(HTML) 2 Page - AIMTEC

  AM20CW-4815S-FZ-K Datasheet HTML 1Page - AIMTEC AM20CW-4815S-FZ-K Datasheet HTML 2Page - AIMTEC AM20CW-4815S-FZ-K Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM20CW-FZ
20Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.A
2 of 3
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage Accuracy
±1
%
Over Voltage Protection
Zener Diode Clamp
120
%
Over Load Protection
% of Full Load at Nominal Input
110
%
Short Circuit Protection
Continuous
Short Circuit Restart
Auto-Recovery
Line Voltage Regulation
HL-LL
±1.0
%
Load Voltage Regulation (Single)
25% to 100% load
±1.0
%
Load Voltage Regulation (Dual)
balanced load
Unbalanced 25% to 100%
±0.5
±5.0
%
Temperature Coefficient
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
80
mV p-p
Voltage Adjustment Range
Trim - Single output models only
10
%
Transient Recovery Time
Load step change 50%
700
µS
Transient Recovery Deviation
Others
3.3V models
±5
±6
%of Vo
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching Frequency
100% load
330
KHz
Operating Temperature
With derating above +60°C
-40 to +85
oC
Storage Temperature
-55 to +125
oC
Maximum Case Temperature
105
oC
Cooling
Free air convection
Humidity
95
% RH
Case Material
Nickel-coated copper
Potting Material
Silicon Rubber (UL94V-0)
Weight
23.4
g
Dimensions (L X W X H)
1.00 x 1.00 x 0.66 inches
25.40 x 25.40 x 16.80 mm
MTBF
> 350,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Maximum Soldering Temperature
1.5mm from case for 10 sec
260
oC
Pin Out Specifications
Pin
Single
Dual
1
+ V input
+ V input
2
- V input
- V input
3
On/Off Control
On/Off Control
4
+ V output
+ V output
5
Trim
Common
6
- V output
- V output


Similar Part No. - AM20CW-4815S-FZ-K

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20CW-4815S-NZ AIMTEC-AM20CW-4815S-NZ Datasheet
718Kb / 6P
   DC-DC Converter
More results

Similar Description - AM20CW-4815S-FZ-K

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
20ACEW GAPTEC-20ACEW Datasheet
588Kb / 5P
   20Watt - AC-DC converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com