Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM15E-1205SH30IZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM15E-1205SH30IZ
Description  15 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-1205SH30IZ Datasheet(HTML) 3 Page - AIMTEC

  AM15E-1205SH30IZ Datasheet HTML 1Page - AIMTEC AM15E-1205SH30IZ Datasheet HTML 2Page - AIMTEC AM15E-1205SH30IZ Datasheet HTML 3Page - AIMTEC AM15E-1205SH30IZ Datasheet HTML 4Page - AIMTEC AM15E-1205SH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM15E-IZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
3 of 5
North America only
Free Air Convection
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
75 C
º
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
200
KHz
Operating temperature
See derating curves
-40 to+85
oC
Storage temperature
-55 to +115
oC
Maximum Case temperature
95
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper
Weight
33
g
Dimensions (L x W x H)
2.00 x 1.00 x 0.40 inches
50.80 x 25.40 x 10.50 mm
MTBF
> 800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55022, EN 55024 class B
Pin Out Specifications
Derating
1500VDC Isolation
3000VDC Isolation
Pin
Single
Dual
1
On/Off Control
On/Off Control
2
-V Input
-V Input
3
+V Input
+V Input
4
-V Output
-V Output
5
No pin
Common
6
+V Output
+V Output


Similar Part No. - AM15E-1205SH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-1205SH30IZ AIMTEC-AM15E-1205SH30IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results

Similar Description - AM15E-1205SH30IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com