Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECU-1911 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ECU-1911
Description  Xscale @ PXA-270 520 MHz RTU with 8-ch 16-bit AI,32-ch DI,32-ch DO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-1911 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ECU-1911_15 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power & Energy Automation
Features
ECU-1911
ƒ Onboard Xscale @ PXA-270 520 MHz CPU
ƒ 1 x RS-232 port
ƒ 3 x RS-485 isolated ports
ƒ 2 x 10/100Base-T RJ-45 ports
ƒ 8-ch 16-bit differential Analog Input
ƒ 32-ch isolated Digital Input
ƒ 32-ch isolated Digital Output
ƒ Built-in Window CE 5.0
Specifications
General
ƒ
Power Consumption
<10 W (Typical)
ƒ
Power Requirements
24 VDC (Typical) (10 VDC Min ~ 30 VDC Max)
ƒ
OS Support
Windows CE 5.0
System Hardware
ƒ
CPU
Xscale @ PXA-270 520MHz
ƒ
Memory
Onboard 64 MB SDRAM/ 32 MB Flash
ƒ
Storage
1 x type I/II Compact Flash slot
ƒ
Display
VGA 640 x480 @ 60Hz
Digital Input
ƒ
Channels
32
ƒ
I/O Type
Sink
ƒ
Wet Contact
Logic 0: 0 ~ 10 V
Logic 1: 19 ~ 30 V
ƒ
Isolation
3000 VDC
ƒ
Connector
Terminal Block (#14 ~ 22 AWG)
Digital Output
ƒ
Channels
32
ƒ
I/O Type
Power Relay Form A
ƒ
Contact Rating
AC: 5A @ 250 V; DC: 30 V @ 5 A (Resistive Load)
ƒ
Isolation
500 VDC
ƒ
Connector
Terminal Block (#14 ~ 22 AWG)
Analog Input
ƒ
Channels
8 differential
ƒ
Resolution
16 bits
ƒ
Sampling rate
10 Hz/sec (total)
ƒ
Input Impedance
700 k
Ω
ƒ
Input Range
0 ~ 150 mV, 0 ~ 500 mV, 0 ~ 1 V, 0 ~ 5 V, 0 ~ 10 V,
0 ~ 15 V, ±150 mV, ±500mV, ±1 V, ±5 V, ±10 V,
±15 V, ±20 mA, 4 ~ 20 mA
ƒ
Accuray
Voltage : ± 0.1 %
Current : ± 0.2 %
ƒ
Span Drift
±25 ppm/°C
ƒ
Zero Drift
±6 μV/°C
Environment
ƒ
Storage Humidity
5 ~ 95% @ 40°C (non-condensing)
ƒ
Operating Temperature -20 ~ 70°C (-4 ~158°F) @ 5 ~ 85% RH
ƒ
Storage Temperature
-40 ~ 80°C (-40 ~176°F)
I/O Interface
ƒ
Serial Ports
1 x RS-232, 3 x RS-485 (Automatic RS-485 data flow)
ƒ
LAN
2 x 10/100Base-T RJ-45 ports
ƒ
USB Port
1 x USB, OpenHCI, Rev. 1.1 compliant
Ordering Information
ƒ
ECU-1911-R0CAE
Xscale @ PXA-270 520 MHz RTU with 8-ch 16-bit
Analog Input, 32-ch Digital Input, and 32-ch Digital
Output
Introduction
The ECU-1911 focuses on RTU monitor application. The ECU-1911 is also a standalone RTU that provides a 16-bit 8-ch A/D converter, 32-ch Relay and 32-ch Digital Input. This
controller also supports four serial communication ports and two networking interfaces. You can seamlessly integrate your applications into the ECU-1911 and speed up your system
development with this application ready RTU.
Xscale @ PXA-270 520 MHz RTU with
8-ch 16-bit AI,32-ch DI,32-ch DO
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ECU-1911_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ECU-1050 ADVANTECH-ECU-1050 Datasheet
420Kb / 1P
   Cloud enabled Intelligent Communication Gateway for IIOT application
12-Oct-2021
ECU-1050TL ADVANTECH-ECU-1050TL Datasheet
724Kb / 15P
   WISE-EdgeLink
Jan. 26,2022 v1.0
ECU-1050TL-R10AA ADVANTECH-ECU-1050TL-R10AA Datasheet
420Kb / 1P
   Cloud enabled Intelligent Communication Gateway for IIOT application
12-Oct-2021
ECU-1051 ADVANTECH-ECU-1051 Datasheet
2Mb / 3P
   Intelligent Water Treatment Management Solution Suite
22-Jun-2021
ECU-1051B ADVANTECH-ECU-1051B Datasheet
724Kb / 15P
   WISE-EdgeLink
Jan. 26,2022 v1.0
More results

Similar Description - ECU-1911_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DMU-3010 ADVANTECH-DMU-3010_15 Datasheet
248Kb / 1P
   8-ch AI, 8-ch DI, 4-ch DO Ethernet I/O Module
logo
List of Unclassifed Man...
CPCI-7200 ETC2-CPCI-7200 Datasheet
329Kb / 1P
   12 MB/s High-Speed 32-CH DI & 32-CH DO Cards
PCIE-7200 ETC2-PCIE-7200 Datasheet
325Kb / 2P
   12 MB/s High-Speed 32-CH DI & 32-CH DO Cards
logo
Advantech Co., Ltd.
ECU-1710A ADVANTECH-ECU-1710A_15 Datasheet
165Kb / 1P
   Intel짰 Atom??D510 Controller with 16-ch AI, 4-ch AO and 32-ch Isolated DI/O
BAS-3050 ADVANTECH-BAS-3050 Datasheet
526Kb / 1P
   8-ch DI, 8-ch DO Expansion Module
logo
List of Unclassifed Man...
PCI-7258 ETC2-PCI-7258 Datasheet
298Kb / 1P
   32-CH PhotoMos Relay Outputs & 2-CH Isolated DI Card
logo
Advantech Co., Ltd.
PCI-1727U ADVANTECH-PCI-1727U Datasheet
128Kb / 1P
   14-bit, 12-ch Analog Output Universal PCI Card with 32-ch DI/O
logo
List of Unclassifed Man...
CPCI-7452 ETC2-CPCI-7452 Datasheet
249Kb / 2P
   128-CH Isolated DI & 128-CH Isolated DO Card
logo
Advantech Co., Ltd.
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
   12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E_15 Datasheet
333Kb / 2P
   Isolated 16 DI / 8 DO, 1-Ch, DB37, PCIe I/F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com