Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXPSC04650 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NXPSC04650
Description  Silicon Carbide Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NXPSC04650 Datasheet(HTML) 5 Page - NXP Semiconductors

  NXPSC04650_15 Datasheet HTML 1Page - NXP Semiconductors NXPSC04650_15 Datasheet HTML 2Page - NXP Semiconductors NXPSC04650_15 Datasheet HTML 3Page - NXP Semiconductors NXPSC04650_15 Datasheet HTML 4Page - NXP Semiconductors NXPSC04650_15 Datasheet HTML 5Page - NXP Semiconductors NXPSC04650_15 Datasheet HTML 6Page - NXP Semiconductors NXPSC04650_15 Datasheet HTML 7Page - NXP Semiconductors NXPSC04650_15 Datasheet HTML 8Page - NXP Semiconductors NXPSC04650_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NXP Semiconductors
NXPSC04650
Silicon Carbide Diode
NXPSC04650
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
4 May 2015
5 / 9
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IF = 4 A; Tj = 25 °C; Fig. 4
-
1.5
1.7
V
VF
forward voltage
IF = 4 A; Tj = 150 °C; Fig. 4
-
1.8
2.1
V
VR = 650 V; Tj = 25 °C
-
-
170
µA
IR
reverse current
VR = 650 V; Tj = 150 °C
-
-
550
µA
Dynamic characteristics
Qr
recovered charge
IF = 4 A; dIF/dt = 500 A/µs; VR = 400 V;
Tj = 25 °C; Fig. 5
-
7
-
nC
f = 1 MHz; VR = 1 V; Tj = 25 °C
-
130
-
pF
f = 1 MHz; VR = 300 V; Tj = 25 °C
-
16
-
pF
Cd
diode capacitance
f = 1 MHz; VR = 600 V; Tj = 25 °C
-
13
-
pF
VF (V)
0
4
3
1
2
aaa-014289
4
2
6
8
IF
(A)
0
(1)
(2)
(3)
(4)
Vo = 1.260 V; Rs = 0.211 Ω
(1) Tj = 25 °C; typical values
(2) Tj = 100 °C; typical values
(3) Tj = 150 °C; typical values
(4) Tj = 175 °C; typical values
Fig. 4. Forward current as a function of forward
voltage; typical values
Tj (°C)
0
175
150
50
100
aaa-014290
8
4
12
16
Qr
(nC)
0
Fig. 5. Recovered charge as a function of junction
temperature


Similar Part No. - NXPSC04650_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
NXPSC04650B WEEN-NXPSC04650B Datasheet
276Kb / 10P
   Silicon Carbide Diode
NXPSC04650D WEEN-NXPSC04650D Datasheet
297Kb / 11P
   Silicon Carbide Diode
NXPSC04650X WEEN-NXPSC04650X Datasheet
282Kb / 11P
   Silicon Carbide Diode
More results

Similar Description - NXPSC04650_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
   Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
   Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
WNSC10650T WEEN-WNSC10650T Datasheet
504Kb / 11P
   Silicon Carbide Diode
WNSC101200CW WEEN-WNSC101200CW Datasheet
426Kb / 11P
   Silicon Carbide Diode
WNSC101200W WEEN-WNSC101200W Datasheet
453Kb / 11P
   Silicon Carbide Diode
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
   Silicon Carbide Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com