Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV32E-150 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYV32E-150
Description  BYV32E-150
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV32E-150 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYV32E-150_15 Datasheet HTML 1Page - NXP Semiconductors BYV32E-150_15 Datasheet HTML 2Page - NXP Semiconductors BYV32E-150_15 Datasheet HTML 3Page - NXP Semiconductors BYV32E-150_15 Datasheet HTML 4Page - NXP Semiconductors BYV32E-150_15 Datasheet HTML 5Page - NXP Semiconductors BYV32E-150_15 Datasheet HTML 6Page - NXP Semiconductors BYV32E-150_15 Datasheet HTML 7Page - NXP Semiconductors BYV32E-150_15 Datasheet HTML 8Page - NXP Semiconductors BYV32E-150_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BYV32E-150_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 2 March 2009
2 of 9
NXP Semiconductors
BYV32E-150
Dual rugged ultrafast rectifier diode, 20 A, 150 V
2.
Pinning information
3.
Ordering information
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode 1
SOT78
(TO-220AB; SC-46)
2
K
cathode
3
A2
anode 2
mb
K
mounting base; cathode
12
mb
3
sym125
A2
A1
K
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BYV32E-150
TO-220AB;
SC-46
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78


Similar Part No. - BYV32E-150_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32E-150 PHILIPS-BYV32E-150 Datasheet
52Kb / 7P
   Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV32E-150 NXP-BYV32E-150 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-150 WEEN-BYV32E-150 Datasheet
385Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
More results

Similar Description - BYV32E-150_15

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
   TFI 150 Series, 150 Watt
Rev. July 7, 2021
logo
TRIAD MAGNETICS
FP16-150 TRIAD-FP16-150 Datasheet
44Kb / 1P
   FP16-150
logo
Anaren Microwave
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
   150 Watts
logo
TRIAD MAGNETICS
VPP16-150 TRIAD-VPP16-150 Datasheet
45Kb / 1P
   VPP16-150
logo
Anaren Microwave
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
   150 Watts
150-50TCGF ANAREN-150-50TCGF Datasheet
301Kb / 2P
   150 Watts
logo
Lumileds Lighting Compa...
DS08 LUMILEDS-DS08 Datasheet
303Kb / 8P
   SnapLED 150
logo
TRIAD MAGNETICS
FS16-150 TRIAD-FS16-150 Datasheet
41Kb / 1P
   FS16-150
logo
Astec America, Inc
BK60C-40 ASTEC-BK60C-40 Datasheet
677Kb / 2P
   150 Watts
AED17 ASTEC-AED17 Datasheet
781Kb / 2P
   150 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com