Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1716 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1716
Description  High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1716 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1716 Datasheet HTML 1Page - Maxim Integrated Products MAX1716 Datasheet HTML 2Page - Maxim Integrated Products MAX1716 Datasheet HTML 3Page - Maxim Integrated Products MAX1716 Datasheet HTML 4Page - Maxim Integrated Products MAX1716 Datasheet HTML 5Page - Maxim Integrated Products MAX1716 Datasheet HTML 6Page - Maxim Integrated Products MAX1716 Datasheet HTML 7Page - Maxim Integrated Products MAX1716 Datasheet HTML 8Page - Maxim Integrated Products MAX1716 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
High-Speed, Adjustable, Synchronous Step-Down
Controllers with Integrated Voltage Positioning
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, V+ = +15V, VCC = VDD = 5V, SKIP = VCC, VPS = PGND, TA = -40°C to +85°C, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
Battery voltage, V+
2
28
Input Voltage Range
VCC, VDD
4.5
5.5
V
DAC codes from
1.35V to 2.0V
-1.6
1.6
DC Output Voltage Accuracy
(Notes 2, 3)
V+ = 4.5V to 28V,
VPS = PGND
DAC codes from
0.6V to 1.3V
-2
2
%
FB Input Bias Current
IFB
FB = 0.6V to 2.0V
-0.2
0.2
µA
VPS Input Bias Current
IVPS
VVPS =
±40mV
-1
1
µA
VPS Gain
AVPS
VVPS = 0 or -40mV, gain from VPS to FB
0.153
0.197
%/mV
CS Input Bias Current
ICS
0 to 28V
-1
1
µA
ILIM Input Leakage Current
IILIM
VILIM = 0 or 5.0V
100
nA
TON = GND
205
300
TON = REF
280
375
TON = open
425
520
On-Time (Note 4)
tON
V+ = 11.0V,
VFB = 1.5V
TON = VCC
615
740
ns
Minimum Off-Time (Note 4)
tOFF(MIN)
500
ns
BIAS AND REFERENCE
Quiescent Supply Current (VCC)ICC
Measured at VCC, FB forced above the
regulation point
950
µA
Quiescent Supply Current (VDD)IDD
Measured at VDD, FB forced above the
regulation point
5
µA
Quiescent Supply Current (V+)
I+
40
µA
Shutdown Supply Current (VCC)
SHDN = GND
5
µA
Shutdown Supply Current (VDD)
SHDN = GND
5
µA
Shutdown Supply Current (V+)
SHDN = GND, V+ = 28V, VCC = VDD = 0 or 5V
5
µA
Reference Voltage
VREF
VCC = 4.5V to 5.5V, no external REF load
1.98
2.02
V
Reference Load Regulation
IREF = 0 to 50
µA
0.01
V
REF Sink Current
IREF
REF in regulation
10
µA
FAULT PROTECTION
MAX1716
1.8
2.0
V
Output Overvoltage Fault
Threshold (Note 5)
Measured at FB
MAX1855
1.97
2.03
Output Undervoltage Fault
Threshold (Foldback)
35
45
%
Output Undervoltage Fault
Blanking Time (Foldback)
From SHDN signal going high
10
30
ms


Similar Part No. - MAX1716

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
   Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
MAX1710 MAXIM-MAX1710 Datasheet
299Kb / 28P
   High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
19-4781; Rev 0; 11/98
MAX17100 MAXIM-MAX17100 Datasheet
519Kb / 13P
   1.2MHz Step-Up Switching Frequency
Rev 0; 7/09
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX17100ETM++ MAXIM-MAX17100ETM+ Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
More results

Similar Description - MAX1716

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
   Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com