Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1706C Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1706C
Description  1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1706C Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1706C Datasheet HTML 2Page - Maxim Integrated Products MAX1706C Datasheet HTML 3Page - Maxim Integrated Products MAX1706C Datasheet HTML 4Page - Maxim Integrated Products MAX1706C Datasheet HTML 5Page - Maxim Integrated Products MAX1706C Datasheet HTML 6Page - Maxim Integrated Products MAX1706C Datasheet HTML 7Page - Maxim Integrated Products MAX1706C Datasheet HTML 8Page - Maxim Integrated Products MAX1706C Datasheet HTML 9Page - Maxim Integrated Products MAX1706C Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(Circuit of Figure 2, TA = +25°C, unless otherwise noted.)
100
0
0.1
10
100
1
1000
MAX1705
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 5V)
20
OUTPUT CURRENT (mA)
40
60
80
90
10
30
50
70
L = 10
µH
VOUT = 5V
A: VIN = 0.9V
C: VIN = 2.4V
E: VIN = 3.6V
1: PFM MODE
2: PWM MODE
A.1
A.2
C.1
C.2
B.2
B.1
100
0
0.1
10
100
1
1000
MAX1705
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 3.3V)
20
OUTPUT CURRENT (mA)
40
60
80
90
10
30
50
70
L = 10
µH
VOUT = 3.3V
A: VIN = 0.9V
B: VIN = 2.7V
1: PFM MODE
2: PWM MODE
B.1
B.2
A.1
A.2
0
0
MAX1705
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
200
100
300
INPUT VOLTAGE (V)
3.5
700
600
900
800
400
500
1.0
2.5
4.5
1000
2.0
3.0
0.5
4.0
1.5
L = 10
µH
PWM MODE
PFM MODE
VOUT = 3.3V
VOUT = 3.3V
VOUT = 5V
VOUT = 5V
100
0
0.1
10
100
1
1000
MAX1706
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 3.3V)
20
OUTPUT CURRENT (mA)
40
60
80
90
10
30
50
70
B.2
A.2
A.1
B.1
L = 22
µH
VOUT = 3.3V
A: VIN = 0.9V
B: VIN = 2.7V
1: PFM MODE
2: PWM MODE
0.5
0.01
MAX1705
START-UP INPUT VOLTAGE
vs. OUTPUT CURRENT
0.9
0.7
1.1
OUTPUT CURRENT (mA)
100
1.7
1.5
2.1
1.9
1.3
0.1
10
1000
2.3
1
NO-LOAD START-UP:
1.0V AT -40°C
0.79 AT +25°C
0.64V AT +85°C
CONSTANT-CURRENT LOAD
VOUT = 3.3V
L = 10
µH
D1 = MBR0520L
TA = -40°C
TA = +25°C
TA = +85°C
100
0
0.1
10
100
1
1000
MAX1706
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 5V)
20
OUTPUT CURRENT (mA)
40
60
80
90
10
30
50
70
A.1
A.2
C.2
B.2
C.1
B.1
L = 22
µH
VOUT = 5V
A: VIN = 0.9V
B: VIN = 2.4V
C: VIN = 3.6V
1: PFM MODE
2: PWM MODE
0
0
MAX1706
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
200
100
300
INPUT VOLTAGE (V)
3.5
700
600
400
500
1.0
3
4.5
2.0
0.5
2.5
4
1.5
PWM MODE
L = 22
µH
PFM MODE
VOUT = 5V
VOUT = 5V
VOUT = 3.3V
VOUT = 3.3V
0
0
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
2
1
3
INPUT VOLTAGE (V)
4.0
7
6
10
9
8
4
5
1.0
3.0
5.0
12
11
2.0
3.5
0.5
2.5
4.5
1.5
PFM MODE
PWM MODE
VOUT = 3.3V
L = 10
µH
0
0
LINEAR-REGULATOR DROPOUT
VOLTAGE vs. LOAD CURRENT
20
40
LOAD CURRENT (mA)
160
120
100
60
80
40
120
200
140
80
VLDO = 3.3V
VLDO = 2.5V
VLDO = 5V


Similar Part No. - MAX1706C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1706C/D MAXIM-MAX1706C/D Datasheet
277Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise
2000
More results

Similar Description - MAX1706C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
   1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com