Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW29E-150 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BYW29E-150
Description  Ultrafast power diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW29E-150 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BYW29E-150_15 Datasheet HTML 2Page - NXP Semiconductors BYW29E-150_15 Datasheet HTML 3Page - NXP Semiconductors BYW29E-150_15 Datasheet HTML 4Page - NXP Semiconductors BYW29E-150_15 Datasheet HTML 5Page - NXP Semiconductors BYW29E-150_15 Datasheet HTML 6Page - NXP Semiconductors BYW29E-150_15 Datasheet HTML 7Page - NXP Semiconductors BYW29E-150_15 Datasheet HTML 8Page - NXP Semiconductors BYW29E-150_15 Datasheet HTML 9Page - NXP Semiconductors BYW29E-150_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NXP Semiconductors
BYW29E-150
Ultrafast power diode
BYW29E-150
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
17 September 2013
7 / 10
10. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD59
2-lead TO-220AC
sod059_po
09-08-25
12-11-27
Unit
mm
max
nom
min
4.7
4.3
1.40
1.15
1.7
1.3
0.65
0.45
15.8
15.6
6.8
6.4
5.08
(REF)
16.25
15.70
3.80
3.65
A
Dimensions
Note
1. Protruded dambar are included in the dimension.
Plastic single-ended package; heatsink mounted; 1 mounting hole; 2-lead TO-220AC
SOD59
A1
b
0.95
0.70
b1(1)
c
D
D1
E
10.30
9.65
e
H
L
15.0
12.5
P
Q
2.6
2.2
q
2.9
2.7
0
5
10 mm
scale
c
A1
A
Q
e
q
H
b1
b
2
1
D1
D
P
E
L
Fig. 10. Package outline TO-220AC (SOD59)


Similar Part No. - BYW29E-150_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
   Rectifier diodes ultrafast, rugged
August 2001
More results

Similar Description - BYW29E-150_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYR29X-600 PHILIPS-BYR29X-600_15 Datasheet
173Kb / 12P
   Ultrafast power diode
Rev. 02-15 July 2010
BYV10ED-600P PHILIPS-BYV10ED-600P_15 Datasheet
194Kb / 11P
   Ultrafast power diode
24 July 2015
NUR460 NXP-NUR460 Datasheet
389Kb / 10P
   Ultrafast power diode
Rev. 2-20 July 2011
logo
WeEn Semiconductors
BYR5D-1200P WEEN-BYR5D-1200P Datasheet
383Kb / 10P
   Ultrafast power diode
BYT79B-600P WEEN-BYT79B-600P Datasheet
375Kb / 10P
   Ultrafast power diode
BYV5ED-600P WEEN-BYV5ED-600P Datasheet
458Kb / 10P
   Ultrafast power diode
BYV10-600P WEEN-BYV10-600P Datasheet
619Kb / 10P
   Ultrafast power diode
BYV60W-600P WEEN-BYV60W-600P Datasheet
458Kb / 11P
   Ultrafast power diode
BYV29G-600 WEEN-BYV29G-600 Datasheet
515Kb / 10P
   Ultrafast power diode
BYV29G-600P WEEN-BYV29G-600P Datasheet
438Kb / 10P
   Ultrafast power diode
BYW29E-200 WEEN-BYW29E-200 Datasheet
442Kb / 10P
   Ultrafast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com