Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2166 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2166
Description  MONAURAL AUDIO POWER AMPLIFIER IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2166 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2166 Datasheet HTML 1Page - New Japan Radio NJM2166 Datasheet HTML 2Page - New Japan Radio NJM2166 Datasheet HTML 3Page - New Japan Radio NJM2166 Datasheet HTML 4Page - New Japan Radio NJM2166 Datasheet HTML 5Page - New Japan Radio NJM2166 Datasheet HTML 6Page - New Japan Radio NJM2166 Datasheet HTML 7Page - New Japan Radio NJM2166 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
j
j
j
j
NJM2166
s
s
s
s TEST CIRCUIT
1
2
3
4
5
6
7
L-in
R-in
AUX
1
2
3
4
5
6
7
NJM2166E/V
TEST CIRCUIT
NC
14
13
12
11
10
9
8
SP
SUSPEND
NC
V
+
EVR
BIAS
AM
SUSPEND
NC
NC
NC
SP
SP
EVR/
-OUT2
-OUT1
MUTE
V
+
GND
10
NJM2166R
TEST CIRCUIT
AUX
R-in
SP-OUT2
GND
SP-OUT1
EVR/MUTE
BIAS
AM
SP-SUSPEND
SUSPEND
V+
V+
10
5
2
9
6
7
3
14
8
L-in
+
++
+
EVR
RL
15k
15k
30k
RL
15k
15k
30k


Similar Part No. - NJM2166

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2160 NJRC-NJM2160 Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
NJM2160A NJRC-NJM2160A Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
NJM2160AD NJRC-NJM2160AD Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
NJM2160AM NJRC-NJM2160AM Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
NJM2160AV NJRC-NJM2160AV Datasheet
109Kb / 4P
   DUAL BOOST AMPLIFIER for CAR AUDIO
More results

Similar Description - NJM2166

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4991TH SANYO-LV4991TH Datasheet
150Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LV4991TT SANYO-LV4991TT Datasheet
189Kb / 11P
   Bi-CMOS IC For Portable Audio Equipment Monaural BTL Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991TT SANYO-LV4991TT_08 Datasheet
196Kb / 11P
   For Portable Audio Equipment Monaural BTL Power Amplifier
LV4993TH SANYO-LV4993TH Datasheet
563Kb / 13P
   For Portable Audio Equipment Monaural BTL Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com