Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1719EUT Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1719EUT
Description  SOT23, Switched-Capacitor Voltage Inverters with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1719EUT Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX1719EUT Datasheet HTML 1Page - Maxim Integrated Products MAX1719EUT Datasheet HTML 2Page - Maxim Integrated Products MAX1719EUT Datasheet HTML 3Page - Maxim Integrated Products MAX1719EUT Datasheet HTML 4Page - Maxim Integrated Products MAX1719EUT Datasheet HTML 5Page - Maxim Integrated Products MAX1719EUT Datasheet HTML 6Page - Maxim Integrated Products MAX1719EUT Datasheet HTML 7Page - Maxim Integrated Products MAX1719EUT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SOT23, Switched-Capacitor
Voltage Inverters with Shutdown
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2004 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Paralleling Devices
Paralleling multiple MAX1719s, MAX1720s, or
MAX1721s reduces the output resistance. Each device
requires its own pump capacitor (C1), but the reservoir
capacitor (C2) serves all devices (Figure 5). Increase
C2’s value by a factor of n, where n is the number of
parallel devices. Figure 5 shows the equation for calcu-
lating output resistance.
Combined Doubler/Inverter
In the circuit of Figure 6, capacitors C1 and C2 form the
inverter, while C3 and C4 form the doubler. C1 and C3
are the pump capacitors; C2 and C4 are the reservoir
capacitors. Because both the inverter and doubler use
part of the charge-pump circuit, loading either output
causes both outputs to decline toward GND. Make sure
the sum of the currents drawn from the two outputs
does not exceed 25mA.
Heavy Load Connected to a
Positive Supply
Under heavy loads, where a higher supply is sourcing
current into OUT, the OUT supply must not be pulled
above ground. Applications that sink heavy current into
OUT require a Schottky diode (1N5817) between GND
and OUT, with the anode connected to OUT (Figure 7).
Layout and Grounding
Good layout is important, primarily for good noise per-
formance. To ensure good layout, mount all compo-
nents as close together as possible, keep traces short
to minimize parasitic inductance and capacitance, and
use a ground plane.
MAX1719
MAX1720
MAX1721
2
5
1
VOUT = (2VIN) -
(VFD1) - (VFD2)
C2
+VIN
C1
3
4
6
VOUT = -VIN
C4
D1
D1, D2 = 1N4148
C3
D2
SHDN (MAX1719)
SHDN (MAX1720)
(MAX1721)
Figure 6. Combined Doubler and Inverter
MAX1719
MAX1720
MAX1721
4
1
GND
OUT
V+
RL
Figure 7. Heavy Load Connected to a Positive Supply
TRANSISTOR COUNT: 85
MAX1719
MAX1720
MAX1721
“n”
MAX1719
MAX1720
MAX1721
“1”
2
1
VOUT
C2
2
+VIN
C1
C1
3
3
44
6
5
5
6
1
VOUT = -VIN
RO =
RO OF SINGLE DEVICE
NUMBER OF DEVICES
SHDN (MAX1719)
SHDN (MAX1720/
MAX1721)
Figure 5. Paralleling MAX1719s or MAX1720s or MAX1721s to
Reduce Output Resistance
Chip Information


Similar Part No. - MAX1719EUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
   Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
MAX1710 MAXIM-MAX1710 Datasheet
299Kb / 28P
   High-Speed, Digitally Adjusted Step-Down Controllers for Notebook CPUs
19-4781; Rev 0; 11/98
MAX17100 MAXIM-MAX17100 Datasheet
519Kb / 13P
   1.2MHz Step-Up Switching Frequency
Rev 0; 7/09
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX17100ETM++ MAXIM-MAX17100ETM+ Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
More results

Similar Description - MAX1719EUT

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
   Switched-Capacitor Voltage Inverters with Shutdown
logo
Unisonic Technologies
UC5301 UTC-UC5301_15 Datasheet
278Kb / 8P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Maxim Integrated Produc...
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX828 MAXIM-MAX828 Datasheet
85Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 2; 4/97
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
   Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
   Switched-Capacitor Voltage Inverters
2004
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com