Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1722 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1722
Description  1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1722 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1722 Datasheet HTML 2Page - Maxim Integrated Products MAX1722 Datasheet HTML 3Page - Maxim Integrated Products MAX1722 Datasheet HTML 4Page - Maxim Integrated Products MAX1722 Datasheet HTML 5Page - Maxim Integrated Products MAX1722 Datasheet HTML 6Page - Maxim Integrated Products MAX1722 Datasheet HTML 7Page - Maxim Integrated Products MAX1722 Datasheet HTML 8Page - Maxim Integrated Products MAX1722 Datasheet HTML 9Page - Maxim Integrated Products MAX1722 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1.5µA IQ, Step-Up DC-DC Converters
in Thin SOT23-5
6
_______________________________________________________________________________________
Detailed Description
The MAX1722/MAX1723/MAX1724 compact, high-effi-
ciency, step-up DC-DC converters are guaranteed to
start up with voltages as low as 0.91V and operate with
an input voltage down to 0.8V. Consuming only 1.5µA of
quiescent current, these devices include a built-in syn-
chronous rectifier that reduces cost by eliminating the
need for an external diode and improves overall efficien-
cy by minimizing losses in the circuit (see Synchronous
Rectification section). The MAX1722/MAX1724 feature a
clamp circuit that reduces EMI due to inductor ringing.
The MAX1723/MAX1724 feature an active-low shutdown
that reduces quiescent supply current to 0.1µA. The
MAX1722/MAX1723 have an adjustable output voltage,
while the MAX1724 is available with four fixed-output
voltage options (see Selector Guide). Figure 1 is the
MAX1723 simplified functional diagram and Figure 2 is
the MAX1724 simplified functional diagram.
PFM Control Scheme
A forced discontinuous, current-limited, pulse-frequency-
modulation (PFM) control scheme is a key feature of the
MAX1722/MAX1723/MAX1724. This scheme provides
ultra-low quiescent current and high efficiency over a
wide output current range. There is no oscillator; the
inductor current is limited by the 0.5A N-channel cur-
rent limit or by the 5µs switch maximum on-time.
Following each on cycle, the inductor current must
ramp to zero before another cycle may start. When the
error comparator senses that the output has fallen
below the regulation threshold, another cycle begins.
Synchronous Rectification
The internal synchronous rectifier eliminates the need
for an external Schottky diode, thus reducing cost and
board space. While the inductor discharges, the P-
channel MOSFET turns on and shunts the MOSFET
body diode. As a result, the rectifier voltage drop is sig-
nificantly reduced, improving efficiency without the
addition of external components.
Low-Voltage Startup Circuit
The MAX1722/MAX1723/MAX1724 contain a low-volt-
age startup circuit to control DC-DC operation until the
output voltage exceeds 1.5V (typ). The minimum start-
P
N
CONTROL
LOGIC
STARTUP
CIRCUITRY
DRIVER
GND
FB
OUT
LX
CURRENT
LIMIT
1.235V REFERENCE
ERROR
COMPARATOR
ZERO-
CROSSING
DETECTOR
MAX1723
SHDN
Figure 1. MAX1723 Simplified Functional Diagram


Similar Part No. - MAX1722

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722 Datasheet
168Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 1; 5/05
MAX17220 MAXIM-MAX17220 Datasheet
920Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
Rev 3; 7/17
MAX17220 MAXIM-MAX17220 Datasheet
803Kb / 7P
   Up to 100mA/225mA/425mA Output Current
Rev 2; 10/20
MAX17220 MAXIM-MAX17220 Datasheet
484Kb / 7P
   400mV to 5.5V Input Range
Rev 5; 9/20
MAX17220 MAXIM-MAX17220 Datasheet
946Kb / 23P
   400mV to 5.5V Input, nanoPower Synchronous Boost Converter with True Shutdown
2019
More results

Similar Description - MAX1722

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_13 Datasheet
255Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in TSOT
Rev 2; 5/13
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX5025 MAXIM-MAX5025 Datasheet
258Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
MAX5028EUT MAXIM-MAX5028EUT Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com