Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL120D Datasheet(PDF) 6 Page - International Rectifier

Part # AFL120D
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL120D Datasheet(HTML) 6 Page - International Rectifier

Back Button AFL120D Datasheet HTML 2Page - International Rectifier AFL120D Datasheet HTML 3Page - International Rectifier AFL120D Datasheet HTML 4Page - International Rectifier AFL120D Datasheet HTML 5Page - International Rectifier AFL120D Datasheet HTML 6Page - International Rectifier AFL120D Datasheet HTML 7Page - International Rectifier AFL120D Datasheet HTML 8Page - International Rectifier AFL120D Datasheet HTML 9Page - International Rectifier AFL120D Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
www.irf.com
AFL120XXD Series
Figure III. Preferred Connection for Parallel Operation
Synchronization of Multiple Converters
Parallel Operation-Current and Stress Sharing
Internally, these ports differ slightly in their function. In use,
a low on Enable 1 completely shuts down all circuits in the
converter, while a low on Enable 2 shuts down the secondary
side while altering the controller duty cycle to near zero.
Externally, the use of either port is transparent to the user
save for minor differences in idle current. (See specification
table).
When operating multiple converters, system requirements
often dictate operation of the converters at a common
frequency. To accommodate this requirement, the AFL
series converters provide both a synchronization input and
output.
The sync input port permits synchronization of an AFL
converter to any compatible external frequency source
operating between 500KHz and 700KHz. This input signal
should be referenced to the input return and have a 10% to
90% duty cycle. Compatibility requires transition times less
than 100ns, maximum low level of +0.8V and a minimum
high level of +2.0V. The sync output of another converter
which has been designated as the master oscillator provides
a convenient frequency source for this mode of operation.
When external synchronization is not indicted, the sync in
pin should be left unconnected thereby permitting the
converter to operate at its’ own internally set frequency.
The sync output signal is a continuous pulse train set at
550 ± 50KHz, with a duty cycle of 15 ± 5.0%. This signal is
referenced to the input return and has been tailored to be
compatible with the AFL sync input port. Transition times
are less than 100ns and the low level output impedance is
less than 50
Ω. This signal is active when the DC input
voltage is within the specified operating range and the
converter is not inhibited. This synch output has adequate
drive reserve to synchronize at least five additional
converters. A typical synchronization connection option is
illustrated in Figure III.
Power
Input
(Other Converters)
Share Bus
1
6
AFL
7
12
- Output
Enable 2
+ Output
Return
Trim
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
1
6
AFL
7
12
- Output
Enable 2
+ Output
Return
Trim
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
1
6
AFL
7
12
- Output
Enable 2
+ Output
Return
Trim
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
Optional
Synchronization
Connection
to Positive Load
to Negative Load
Figure III. illustrates the preferred connection scheme for
operation of a set of AFL converters with outputs operating
in parallel. Use of this connection permits equal current
sharing among the members of a set whose load current
exceeds the capacity of an individual AFL. An important
feature of the AFL series operating in the parallel mode is
that in addition to sharing the current, the stress induced by
temperature will also be shared. Thus if one member of a
paralleled set is operating at a higher case temperature, the
current it provides to the load will be reduced as
compensation for the temperature induced stress on that
device.


Similar Part No. - AFL120D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL12003R3S IRF-AFL12003R3S Datasheet
169Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWCH IRF-AFL12003R3SWCH Datasheet
194Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWCH IRF-AFL12003R3SWCH Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWCH IRF-AFL12003R3SWCH Datasheet
169Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12003R3SWCH IRF-AFL12003R3SWCH Datasheet
165Kb / 10P
   HIGH RELIABILITY HYBRID DC/DC CONVERTER
More results

Similar Description - AFL120D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com