Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL1203R3S Datasheet(PDF) 4 Page - International Rectifier

Part # AFL1203R3S
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL1203R3S Datasheet(HTML) 4 Page - International Rectifier

  AFL1203R3S Datasheet HTML 1Page - International Rectifier AFL1203R3S Datasheet HTML 2Page - International Rectifier AFL1203R3S Datasheet HTML 3Page - International Rectifier AFL1203R3S Datasheet HTML 4Page - International Rectifier AFL1203R3S Datasheet HTML 5Page - International Rectifier AFL1203R3S Datasheet HTML 6Page - International Rectifier AFL1203R3S Datasheet HTML 7Page - International Rectifier AFL1203R3S Datasheet HTML 8Page - International Rectifier AFL1203R3S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.irf.com
AFL12003R3S
Block Diagram
Figure I. AFL Single Output
Connection of the + and - sense leads at a remotely located
load permits compensation for resistive voltage drop
between the converter output and the load when they are
physically separated by a significant distance. This
connection allows regulation to the placard voltage at the
point of application.When the remote sensing features is
Figure II. Enable Input Equivalent Circuit
Pin 4 or
Pin 12
1N4148
100K
290K
150K
2N3904
+5.6V
Disable
Pin 2 or
Pin 8
not used, the sense leads should be connected to their
respective output terminals at the converter. Figure III.
illustrates a typical application.
Circuit Operation and Application Information
The AFL series of converters employ a forward switched
mode converter topology. (refer to Figure I.) Operation of
the device is initiated when a DC voltage whose magnitude
is within the specified input limits is applied between pins 1
and 2. If pin 4 is enabled (at a logical 1 or open) the primary
bias supply will begin generating a regulated housekeeping
voltage bringing the circuitry on the primary side of the
converter to life. Two power MOSFETs used to chop the
DC input voltage into a high frequency square wave, apply
this chopped voltage to the power transformer. As this
switching is initiated, a voltage is impressed on a second
winding of the power transformer which is then rectified and
applied to the primary bias supply. When this occurs, the
input voltage is shut out and the primary bias voltage
becomes exclusively internally generated.
The switched voltage impressed on the secondary output
transformer winding is rectified and filtered to provide the
converter output voltage. An error amplifier on the secondary
side compares the output voltage to a precision reference
and generates an error signal proportional to the difference.
This error signal is magnetically coupled through the
feedback transformer into the controller section of the
converter varying the pulse width of the square wave signal
driving the MOSFETs, narrowing the width if the output
voltage is too high and widening it if it is too low.
Remote Sensing
Inhibiting Converter Output (Enable)
As an alternative to application and removal of the DC
voltage to the input, the user can control the converter
output by providing TTL compatible, positive logic signals
to either of two enable pins (pin 4 or 12). The distinction
between these two signal ports is that enable 1 (pin 4) is
referenced to the input return (pin 2) while enable 2 (pin 12)
is referenced to the output return (pin 8). Thus, the user
has access to an inhibit function on either side of the isolation
barrier. Each port is internally pulled “high” so that when
not used, an open connection on both enable pins permits
normal converter operation. When their use is desired, a
logical “low” on either port will shut the converter down.
ERROR
AMP
& REF
OUTPUT
FILTER
INPUT
FILTER
OUTPUT RETURN
+ INPUT
INPUT RETURN
CONTROL
1
2
4
3
5
6
SYNC INPUT
CURRENT
SENSE
+ SENSE
RETURN SENSE
SENSE
AMPLIFIER
ENABLE 2
SHARE
SHARE
AMPLIFIER
7
11
10
9
12
8
+ OUTPUT
SYNC OUTPUT
ENABLE 1
CASE
PRIMARY
BIAS SUPPLY


Similar Part No. - AFL1203R3S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL1203R3SW-CH IRF-AFL1203R3SW-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL1203R3SW-ES IRF-AFL1203R3SW-ES Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL1203R3SW-HB IRF-AFL1203R3SW-HB Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL1203R3SX-CH IRF-AFL1203R3SX-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL1203R3SX-ES IRF-AFL1203R3SX-ES Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AFL1203R3S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com