Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1729 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1729
Description  ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1729 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1729 Datasheet HTML 4Page - Maxim Integrated Products MAX1729 Datasheet HTML 5Page - Maxim Integrated Products MAX1729 Datasheet HTML 6Page - Maxim Integrated Products MAX1729 Datasheet HTML 7Page - Maxim Integrated Products MAX1729 Datasheet HTML 8Page - Maxim Integrated Products MAX1729 Datasheet HTML 9Page - Maxim Integrated Products MAX1729 Datasheet HTML 10Page - Maxim Integrated Products MAX1729 Datasheet HTML 11Page - Maxim Integrated Products MAX1729 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2) Given the maximum output voltage (VMAX) and mini-
mum output voltage (VMIN), calculate values for R3 and
R4 as follows:
3) For first-order temperature compensation, calculate
R5 as shown below. (If temperature compensation is
not used, leave R5 open.)
where Tempco is the negative temperature coefficient
needed to compensate the ECB or LCD display for
changes in temperature.
4) Solve for VCOMP. The duty cycle used here corre-
sponds to the duty cycle that yields the maximum out-
put voltage, not including first-order temperature
compensation.
where a 90% duty cycle corresponds to Duty Cycle = 0.9.
5) Use the results from the above calculations to solve
for R2. (For applications not utilizing temperature com-
pensation, use 1 / R5 = 0.)
External Component Value Example
The example application requires the output voltage to
adjust between 5V and 10V, using the circuit shown in
Figure 3. The device in our example needs a tempera-
ture coefficient of 33mV/°C, which yields the following
results.
1) VMAX = 10V and IFB = 29.24µA is within the limits
and yields a reasonable resistor value, therefore:
2) VMAX = 10V and VMIN = 5V, therefore:
with R3 = 36.7k
Ω, then VMIN = 5.019V. Let R4 =
R3 = 36.7k
Ω.
3) Tempco = 33mV/°C, therefore:
4) If external circuitry limits the duty cycle to 90%, the
following equation is true:
5) Solving for R2:
With R2 = 56k
Ω, a duty cycle of 87.4% generates a
VOUT of 10V.
Component Selection
Inductors
Use a 220µH inductor to maximize output current
(2.5mA typical). Use an inductor with DC resistance
less than 10
Ω and a saturation current exceeding
35mA. For lower peak inductor current, use a 470µH
inductor with DC resistance less than 20
Ω and a satu-
ration current over 18mA. This limits output current to
typically less than 1mA. See Table 1 for a list of recom-
mended inductors. The inductor should be connected
from the battery to the LX pin, as close to the IC as pos-
sible.
Capacitors
The equivalent series resistance (ESR) of output capac-
itor C2 directly affects output ripple. To minimize output
ripple, use a low-ESR capacitor. A physically smaller
capacitor, such as a common ceramic capacitor, mini-
mizes board space and cost while creating an output
ripple that’s acceptable in most applications. Refer to
Table 2 for recommended capacitor values.
1
R2
V
R1
V
R3
V
R5
1
V
1
R1
1
R3
1
R5
1
56560
OUT
COMP
FB
FB
=+
+
−+
+


=
V
1.228 1
0.9
2
0.6754V
COMP
=−


=
R5
300k
33mV/ C
=
°


°=
/
16. mV
k
5
150
C
R3
1/2
300k
5V
1.228
36,840
=


=
R1
10V 1.228V
29.24 A
=
µ
= 300kΩ
1
R2
1
V
V
R1
V
R3
V
R5
1
R1
1
R3
1
R5
FB
OUT
COMP
FB
=+
+


−+
+


V
=V
1 –
Duty Cycle
R4
R3
R4
COMP
FB
+
R5 =
R1
Tempco
16.5mV/ C


°
R3 = 1/2
R1
V
– V
V
R4 = R3
MAX
MIN
FB
ECB and LCD Display Bias Supply with Accurate
Output Voltage and Temperature Compensation
_______________________________________________________________________________________
9


Similar Part No. - MAX1729

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17290 MAXIM-MAX17290 Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCC MAXIM-MAX17290ETCC Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCD MAXIM-MAX17290ETCD Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCE MAXIM-MAX17290ETCE Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
MAX17290ETCF MAXIM-MAX17290ETCF Datasheet
1Mb / 18P
   2.5V to 36V, 2.5MHz, PWM Boost Controller with 4μA Shutdown Current and Reduced EMI
Rev 0; 8/16
More results

Similar Description - MAX1729

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
   Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
   Designed for accurate temperature measurement, control and compensation
logo
Fairchild Semiconductor
FAN3850T FAIRCHILD-FAN3850T Datasheet
409Kb / 11P
   Microphone Pre-Amplifier with Temperature Compensation and Digital Output
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
   For reduced voltage and temperature compensation
logo
Samsung semiconductor
CL05C1R2CB5NNND SAMSUNG-CL05C1R2CB5NNND Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
logo
Maxim Integrated Produc...
MAX15158EVKIT MAXIM-MAX15158EVKIT Datasheet
1Mb / 15P
   Configurable Output Voltage and Compensation Parameters
Rev 2; 12/19
logo
Silicon Mitus, Inc.
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
logo
Pepperl+Fuchs Inc.
KT-LED-96-2R-24VDC PF-KT-LED-96-2R-24VDC Datasheet
784Kb / 3P
   Temperature control unit with LED display and 24 VDC supply voltage
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
   Dual Output LCD Bias for Smartphones and Tablets
logo
Maxim Integrated Produc...
MAX16064 MAXIM-MAX16064 Datasheet
1Mb / 52P
   ±0.3% Accurate, Quad, Power-Supply Controller with Active-Voltage Output Control and PMBus Interface
Rev 0; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com