Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1726EUK18-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1726EUK18-T
Description  12V, Ultra-Low IQ, Low-Dropout Linear Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1726EUK18-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1726EUK18-T Datasheet HTML 1Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 2Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 3Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 4Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 5Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 6Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
12V, Ultra-Low IQ, Low-Dropout
Linear Regulators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = VOUT + 1V, SHDN = IN, IOUT = 1mA, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ................................................................-14V to +14V
SHDN to GND..............................................-0.3V to (VIN + 0.3V)
(-0.3V to + 0.3V when VIN < 0V)
OUT, FB (MAX1725 only) to GND...................-0.3V to +6V when
VIN >5.7V; -0.3V to (VIN + 0.3V) when 0V <
VIN < 5.7V; -0.3V to +0.3V when VIN < 0V
OUT Continuous Current...................................................200mA
OUT Short Circuit...........................................................Indefinite
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23-5 (derate 7.1mW/°C above +70°C) ........571mW
θJA ...............................................................................+140°C/W
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
SHDN = 0V, VIN = 12V, VOUT = 0V
VIN = 12V
(Note 2)
VIN = -12V, V SHDN = 0V
VIN = 2.5V to 12V
VIN = 12V, VOUT = 0V
VFB = 1.25V
IOUT = 20mA for VOUT
≥ 2.5V, IOUT = 10mA for
VOUT < 2.5V, not applicable for VOUT < 1.9V
VIN = (VOUT + 1V) or 3V (Note 4)
MAX1725 only
VIN = 2.5V or (VOUT + 0.5V) to 12V
IOUT = 1mA to 20mA, VIN = (VOUT + 1V)
or 3V (min)
V SHDN = 0V to 12V
CONDITIONS
°C
15
Thermal-Shutdown Hysteresis
µA
0.01
10
IN Reverse Leakage Current
1.5
nA
-20
2
+20
IFB
FB Input Bias Current
(MAX1725 only)
0.1
nA
-50
+50
I SHDN
SHDN Input Bias Current
µA
0.7
2
IIN(SHDN)
Shutdown Supply Current
µA
2
4.5
IIN
V
2.5
12
VIN
Input Voltage Range
Supply Current
V
2
VIH
mA
40
ISC
Foldback Current Limit
mV
300
600
∆VDO
Dropout Voltage (Note 4)
mA
20
80
IOUT
Maximum OUT Current
V
1.5
5
VOUT
OUT Voltage Range
%
-1.5
1.5
OUT Voltage Accuracy (Note 3)
%/V
0.01
0.3
∆VLNR
Line Regulation
%/mA
0.015
0.15
∆VLDR
Load Regulation
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = +85°C
TA = +25°C
TA = +85°C
MAX1725 only (Note 3)
V
1.245
VFB
FB Voltage
-2
+2
-3
+3
TA = +25°C
TA = 0°C to +85°C
TA = -40°C to +85°C
0.5
VIL
SHDN Input Threshold
Temperature rising
°C
150
Thermal-Shutdown Threshold


Similar Part No. - MAX1726EUK18-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17260 MAXIM-MAX17260 Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260BEWL++ MAXIM-MAX17260BEWL+ Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260BEWL+T MAXIM-MAX17260BEWL+T Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260GEVKIT MAXIM-MAX17260GEVKIT Datasheet
1Mb / 17P
   Lithium battery pack of desired configuration
Rev 0; 5/18
MAX17260GEVKIT# MAXIM-MAX17260GEVKIT# Datasheet
1Mb / 17P
   Lithium battery pack of desired configuration
Rev 0; 5/18
More results

Similar Description - MAX1726EUK18-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com