Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1726EUK18-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1726EUK18-T
Description  12V, Ultra-Low IQ, Low-Dropout Linear Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1726EUK18-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1726EUK18-T Datasheet HTML 1Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 2Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 3Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 4Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 5Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 6Page - Maxim Integrated Products MAX1726EUK18-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
pass transistor shuts off, the output falls to ground, and
supply current drops from 2µA to 0.7µA. Connect SHDN
to IN for normal operation. If reverse-battery protection
is needed, drive SHDN through a 100k
Ω resistor.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion in the MAX1725/MAX1726. When the junction tem-
perature exceeds TJ = +150°C, the thermal sensor
signals the shutdown logic, turning off the pass transistor
and allowing the IC to cool. The thermal sensor turns
the pass transistor on again after the IC’s junction tem-
perature cools by 15°C, resulting in a pulsed output
during continuous thermal-overload conditions.
Thermal-overload protection is designed to protect the
devices in the event of fault conditions. For continuous
operation, do not exceed the absolute maximum junction
temperature rating of TJ = +150°C.
Foldback Current Limiting
The MAX1725/MAX1726 also include a foldback current
limiter. When the output is shorted to ground, the output
PMOS drive is limited so that the output current does
not exceed 40mA (typ). The output can be shorted to
ground indefinitely without damaging the part.
Reverse-Battery Protection
The MAX1725/MAX1726 have a unique protection
scheme that limits the reverse supply current to less
than 10µA when VIN is forced below ground. The cir-
cuitry monitors the polarity of the input, disconnecting
the internal circuitry and parasitic diodes when the battery
is reversed. This feature prevents the device, battery,
and load from overheating and electrical stress. For
reverse-battery protection, drive SHDN through a
100k
Ω resistor.
Applications Information
Capacitor Selection and
Regulator Stability
For general purposes, use a 1µF capacitor on the
MAX1725/MAX1726 input and output. Larger input
capacitor values and lower ESR provide better supply-
noise rejection and transient response. A higher-value
input capacitor (10µF) may be necessary if large, fast
transients are anticipated and the device is located sev-
eral inches from the power source. For stable operation
over the full temperature range, use a minimum of 1µF
on the output.
Output Voltage Selection
For fixed 1.8V, 2.5V, 3.3V, or 5V output voltages, use
the MAX1726.
The MAX1725 features an adjustable output voltage
from 1.5V to 5V, using two external resistors connected
as a voltage-divider to FB (Figure 1). The MAX1725 is
optimized for operation with R2 = 1.2M
Ω. The output
voltage is set by the following equation:
where typically VFB = 1.245V. To simplify resistor selec-
tion:
Choose R2 = 1.2M
Ω for best accuracy.
Power-Supply Rejection and Operation
from Sources Other than Batteries
The MAX1725/MAX1726 are designed to deliver low
dropout voltages and low quiescent currents in battery-
powered systems. Power-supply rejection is 60dB at low
frequencies and rolls off above 100Hz. At high frequen-
cies, the output capacitor is the major contributor to the
rejection of power-supply noise (see the Power-Supply
Rejection Ratio vs. Frequency graph in the Typical
Operating Characteristics).
When operating from sources other than batteries,
improve supply-noise rejection and transient response
by increasing the value of the input and output capaci-
tors, and by using passive filtering techniques (see the
Supply and Load Transient Response graph in the
Typical Operating Characteristics).
12V, Ultra-Low IQ, Low-Dropout
Linear Regulators
6
_______________________________________________________________________________________
Chip Information
TRANSISTOR COUNT: 112
GND
FB (GND)
OUT
15
SHDN
IN
MAX1725
MAX1726
SOT23-5
TOP VIEW
2
34
( ) ARE FOR MAX1726 ONLY.
Pin Configuration
VV
R
R
OUT
FB
=+


1
1
2
RR
V
V
OUT
FB
12
1
=




Similar Part No. - MAX1726EUK18-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17260 MAXIM-MAX17260 Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260BEWL++ MAXIM-MAX17260BEWL+ Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260BEWL+T MAXIM-MAX17260BEWL+T Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260GEVKIT MAXIM-MAX17260GEVKIT Datasheet
1Mb / 17P
   Lithium battery pack of desired configuration
Rev 0; 5/18
MAX17260GEVKIT# MAXIM-MAX17260GEVKIT# Datasheet
1Mb / 17P
   Lithium battery pack of desired configuration
Rev 0; 5/18
More results

Similar Description - MAX1726EUK18-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com