Electronic Components Datasheet Search |
|
MAX1724EZK30 Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX1724EZK30 Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 12 page 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 _______________________________________________________________________________________ 5 Pin Description 1ms/div VSHDN 1V/div 5V 0 0 2V SHUTDOWN RESPONSE VIN = 3.3V, VOUT = 5.0V, ROUT = 100 Ω VOUT 2V/div 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 -40 -15 10 35 60 85 SHUTDOWN INPUT THRESHOLD vs. TEMPERATURE TEMPERATURE ( °C) RISING EDGE FALLING EDGE Typical Operating Characteristics (continued) (Figure 3 (MAX1723), Figure 7 (MAX1722), Figure 8 (MAX1724), VBATT = VIN = 1.5V, L = 10µH, CIN = 10µF, COUT = 10µF, TA = +25°C, unless otherwise noted.) MAX1724 MAX1722 MAX1723 OUT LX FB GND SHDN BATT NAME 4 5 — 2 3 1 Power Output. OUT also provides bootstrap power to the IC. 4 4 Internal N-channel MOSFET Switch Drain and P-Channel Synchronous Rectifier Drain 5 5 Feedback Input to Set Output Voltage. Use a resistor-divider network to adjust the output voltage. See Setting the Output Voltage section. 3 3 Ground 2 2 PIN Shutdown Input. Drive high for normal operation. Drive low for shutdown. 1 — Battery Input and Damping Switch Connection — 1 FUNCTION 200 µs/div A A: VOUT, 50mV/div B: IOUT, 20mA/div B LOAD-TRANSIENT RESPONSE 3.3V 50mA 0 |
Similar Part No. - MAX1724EZK30 |
|
Similar Description - MAX1724EZK30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |