Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1737 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1737
Description  Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1737 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1737 Datasheet HTML 1Page - Maxim Integrated Products MAX1737 Datasheet HTML 2Page - Maxim Integrated Products MAX1737 Datasheet HTML 3Page - Maxim Integrated Products MAX1737 Datasheet HTML 4Page - Maxim Integrated Products MAX1737 Datasheet HTML 5Page - Maxim Integrated Products MAX1737 Datasheet HTML 6Page - Maxim Integrated Products MAX1737 Datasheet HTML 7Page - Maxim Integrated Products MAX1737 Datasheet HTML 8Page - Maxim Integrated Products MAX1737 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX1737 is a switch-mode lithium-ion (Li+) battery
charger that charges one to four cells. It provides a
regulated charging current and a regulated voltage
with only a ±0.8% total voltage error at the battery ter-
minals. The external N-channel switch and synchronous
rectifier provide high efficiency over a wide input volt-
age range. A built-in safety timer automatically termi-
nates charging once the adjustable time limit has been
reached.
The MAX1737 regulates the voltage set point and charg-
ing current using two loops that work together to transi-
tion smoothly between voltage and current regulation. An
additional control loop monitors the total current drawn
from the input source to prevent overload of the input
supply, allowing the use of a low-cost wall adapter.
The per-cell battery voltage regulation limit is set
between +4.0V and +4.4V and can be set from one to
four by pin strapping. Battery temperature is monitored
by an external thermistor to prevent charging if the bat-
tery temperature is outside the acceptable range.
The MAX1737 is available in a space-saving 28-pin
QSOP package. Use the evaluation kit (MAX1737EVKIT)
to help reduce design time.
Applications
Features
o Stand-Alone Charger for Up to Four Li+ Cells
o ±0.8% Accurate Battery Regulation Voltage
o Low Dropout: 98% Duty Cycle
o Safely Precharges Near-Dead Cells
o Continuous Voltage and Temperature Monitoring
o <1µA Shutdown Battery Current
o Input Voltage Up to +28V
o Safety Timer Prevents Overcharging
o Input Current Limiting
o Space-Saving 28-Pin QSOP
o 300kHz PWM Oscillator Reduces Noise
o 90% Conversion Efficiency
Stand-Alone Switch-Mode
Lithium-Ion Battery-Charger Controller
________________________________________________________________ Maxim Integrated Products
1
GND
DCIN
CSSP
CSSN
LX
BST
VLO
DLO
PGND
CS
THM
BATT
FASTCHG
FULLCHG
FAULT
SHDN
ON
OFF
TIMER2
TIMER1
Li+
BATTERY
1 TO 4
CELLS
RS
CCI
CCV
CCS
VADJ
ISETIN
VL
REF
ISETOUT
INPUT SUPPLY
CELL
DHI
SYSTEM
LOAD
MAX1737
19-1626; Rev 1; 7/00
PART
MAX1737EEI
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
28 QSOP
EVALUATION
KIT
AVAILABLE
Typical Operating Circuit
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DCIN
CSSP
CSSN
DHI
LX
BST
FAULT
VLO
DLO
PGND
CS
SHDN
FULLCHG
FASTCHG
TIMER2
TIMER1
CELL
CCI
CCS
CCV
VADJ
BATT
GND
REF
THM
ISETOUT
ISETIN
VL
QSOP
TOP VIEW
MAX1737
Pin Configuration
Ordering Information
Notebook Computers
Hand-Held Instruments
Li+ Battery Packs
Desktop Cradle Chargers
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1737

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737EEI MAXIM-MAX1737EEI Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737EEI MAXIM-MAX1737EEI Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
MAX1737EVKIT MAXIM-MAX1737EVKIT Datasheet
165Kb / 5P
   MAX1737 Evaluation Kit
Rev 0;12/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
More results

Similar Description - MAX1737

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
logo
Texas Instruments
UCC2956 TI-UCC2956 Datasheet
424Kb / 10P
[Old version datasheet]   Switch Mode Lithium-Ion Battery Charger Controller
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
   Switch-Mode Lithium-Ion Battery-Charger
2019
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Texas Instruments
BQ24620 TI-BQ24620 Datasheet
1Mb / 30P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Lithium Phosphate Battery Charger with Low Iq
logo
National Semiconductor ...
LM3620 NSC-LM3620 Datasheet
139Kb / 6P
   Lithium-Ion Battery Charger Controller
logo
Texas Instruments
LM3622 TI1-LM3622 Datasheet
892Kb / 15P
[Old version datasheet]   Lithium-Ion Battery Charger Controller
logo
National Semiconductor ...
LM3622 NSC-LM3622 Datasheet
171Kb / 9P
   Lithium-Ion Battery Charger Controller
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com