Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1724EZK50-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1724EZK50-T
Description  1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1724EZK50-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1724EZK50-T Datasheet HTML 3Page - Maxim Integrated Products MAX1724EZK50-T Datasheet HTML 4Page - Maxim Integrated Products MAX1724EZK50-T Datasheet HTML 5Page - Maxim Integrated Products MAX1724EZK50-T Datasheet HTML 6Page - Maxim Integrated Products MAX1724EZK50-T Datasheet HTML 7Page - Maxim Integrated Products MAX1724EZK50-T Datasheet HTML 8Page - Maxim Integrated Products MAX1724EZK50-T Datasheet HTML 9Page - Maxim Integrated Products MAX1724EZK50-T Datasheet HTML 10Page - Maxim Integrated Products MAX1724EZK50-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1.5µA IQ, Step-Up DC-DC Converters
in Thin SOT23-5
_______________________________________________________________________________________
7
up voltage is a function of load current (see Typical
Operating Characteristics). This circuit is powered from
the BATT pin for the MAX1722/MAX1724, guaranteeing
startup at input voltages as low as 0.91V. The MAX1723
lacks a BATT pin; therefore, this circuit is powered
through the OUT pin. Adding a Schottky diode in paral-
lel with the P-channel synchronous rectifier allows for
startup voltages as low as 1.2V for the MAX1723
(Figure 3). The external Schottky diode is not needed
for input voltages greater than 1.8V. Once started, the
output maintains the load as the battery voltage
decreases below the startup voltage.
Shutdown (MAX1723/MAX1724)
The MAX1723/MAX1724 enter shutdown when the
SHDN pin is driven low. During shutdown, the body
diode of the P-channel MOSFET allows current to flow
from the battery to the output. VOUT falls to approxi-
mately VIN - 0.6V and LX remains high impedance.
Shutdown can be pulled as high as 6V, regardless of
the voltage at BATT or OUT. For normal operation, con-
nect SHDN to the input.
P
N
CONTROL
LOGIC
STARTUP
CIRCUITRY
DAMPING
SWITCH
DRIVER
GND
SHDN
R1
R2
BATT
LX
OUT
CURRENT
LIMIT
MAX1724
ERROR
COMPARATOR
ZERO-
CROSSING
DETECTOR
1.235V REFERENCE
Figure 2. MAX1724 Simplified Functional Diagram
Figure 3. MAX1723 Single-Cell Operation
VOUT = 3.6V
1.2V TO VOUT
D1
10
µH
10
µF
R2
2.37M
R1
1.24M
10
µF
LX
OUT
SHDN
GND
FB
MAX1723


Similar Part No. - MAX1724EZK50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1724EZK50+T MAXIM-MAX1724EZK50+T Datasheet
1Mb / 13P
   1.5關A IQ, Step-Up DC-DC Converters in TSOT and 關DFN
2017
More results

Similar Description - MAX1724EZK50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_13 Datasheet
255Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in TSOT
Rev 2; 5/13
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
   Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX5025 MAXIM-MAX5025 Datasheet
258Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
MAX5028EUT MAXIM-MAX5028EUT Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com