Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1733EUK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1733EUK
Description  Low-Voltage, Step-Down DC-DC Converters in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1733EUK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1733EUK Datasheet HTML 1Page - Maxim Integrated Products MAX1733EUK Datasheet HTML 2Page - Maxim Integrated Products MAX1733EUK Datasheet HTML 3Page - Maxim Integrated Products MAX1733EUK Datasheet HTML 4Page - Maxim Integrated Products MAX1733EUK Datasheet HTML 5Page - Maxim Integrated Products MAX1733EUK Datasheet HTML 6Page - Maxim Integrated Products MAX1733EUK Datasheet HTML 7Page - Maxim Integrated Products MAX1733EUK Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Voltage, Step-Down DC-DC Converters
in SOT23
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
ELECTRICAL CHARACTERISTICS
(VIN = +2.7V to +5.5V, SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Input Voltage Range
VIN
2.7
5.5
V
Startup Voltage
VSTART
2.0
V
VIN rising, 200mV typical hysteresis
1.95
UVLO Threshold
VUVLO
VIN falling
1.55
V
Quiescent Supply Current
IIN
No switching (FB/OUT above trip point)
70
µA
Shutdown Supply Current
ISHDN
SHDN = GND
4
µA
Output Voltage Range (MAX1733)
VOUT
1.25
2.0
V
Output Voltage Accuracy
(MAX1734)
IOUT = 0 to 250mA
-3
+3
%
OUT Sense Current (MAX1734)
IOUT
VOUT = VREG, VIN = V SHDN = 5V
8
µA
FB Feedback Threshold
(MAX1733)
VFB
VIN = 3.6V
1.210
1.280
V
FB Leakage Current (MAX1733)
IFB
VFB = 1.5V
0.2
µA
SHDN Input High Voltage
VIH
2.7V < VIN < 5.5V
1.6
V
SHDN Input Low Voltage
VIL
2.7V < VIN < 5.5V
0.4
V
SHDN Leakage Current
ISHDN
SHDN = GND or IN
1
µA
High-Side Current Limit
ILIMP
300
565
mA
Low-Side Current Limit
ILIMN
200
430
mA
ILX = -50mA, VIN = 3.0V
1.4
High-Side On-Resistance
RONP
ILX = -50mA, VIN = 5.5V
1.1
ILX = -50mA, VIN = 3.0V
2
Rectifier On-Resistance
RONN
ILX = -50mA, VIN = 5.5V
1.6
LX Leakage Current
ILXLEAK
VIN = 5.5V, VLX = 0 to VIN
5
µA
LX Reverse Leakage Current
ILXLK,R
IN unconnected, VLX = 5.5V, SHDN = GND
5
µA
Minimum On-Time
tON(MIN)
0.25
0.55
µs
Minimum Off-Time
tOFF(MIN)
0.25
0.55
µs


Similar Part No. - MAX1733EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17330X2EVKIT MAXIM-MAX17330X2EVKIT Datasheet
8Mb / 35P
   Voltage source/Power supply
Rev 0; 4/21
logo
Analog Devices
MAX17332 AD-MAX17332 Datasheet
4Mb / 168P
   AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
MAX17332X22++ AD-MAX17332X22+ Datasheet
4Mb / 168P
   AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
MAX17332X22+T AD-MAX17332X22+T Datasheet
4Mb / 168P
   AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
More results

Similar Description - MAX1733EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1921EUT25-T MAXIM-MAX1921EUT25-T Datasheet
803Kb / 11P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1920 MAXIM-MAX1920_V01 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20029 MAXIM-MAX20029 Datasheet
677Kb / 17P
   Automotive Quad/Triple Low-Voltage Step-Down DC-DC Converters
Rev 11; 2/20
MAX1927 MAXIM-MAX1927 Datasheet
303Kb / 12P
   Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Rev 0; 7/02
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com