Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1735EUK30-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1735EUK30-T
Description  200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1735EUK30-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1735EUK30-T Datasheet HTML 2Page - Maxim Integrated Products MAX1735EUK30-T Datasheet HTML 3Page - Maxim Integrated Products MAX1735EUK30-T Datasheet HTML 4Page - Maxim Integrated Products MAX1735EUK30-T Datasheet HTML 5Page - Maxim Integrated Products MAX1735EUK30-T Datasheet HTML 6Page - Maxim Integrated Products MAX1735EUK30-T Datasheet HTML 7Page - Maxim Integrated Products MAX1735EUK30-T Datasheet HTML 8Page - Maxim Integrated Products MAX1735EUK30-T Datasheet HTML 9Page - Maxim Integrated Products MAX1735EUK30-T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
200mA, Negative-Output, Low-Dropout
Linear Regulator in SOT23
8
_______________________________________________________________________________________
Operating Region and Power Dissipation
Maximum power dissipation of the MAX1735 depends
on the thermal resistance of the case and the circuit
board, the temperature difference between the die
junction and ambient air, and the rate of air flow (see
also Thermal Overload Protection). The maximum
power that can be dissipated by the device is:
where the numerator expresses the temperature differ-
ence between the maximum allowed die junction
(+150°C) and the surrounding air,
θJC (junction to case)
is the thermal resistance of the package, and
θCA (case
to ambient) is the thermal resistance from the package
through the PC board, traces, and other material to the
surrounding air. The former is a characteristic solely of
the device in its package, and the latter is completely
defined by PC board layout and airflow. It is important to
note that the ability to dissipate power is as much a func-
tion of the PC board layout and air flow as the packaged
part itself. Hence, a manufacturer can reliably provide a
value for
θJC, but not accurately provide a value for the
total thermal resistance
θJA. θJA is the sum of θJC and
θCA, and the manufacturer can seldom reliably predict
the thermal characteristics of the application circuit.
Figure 4 shows the estimated allowable power dissipa-
tion for a MAX1735 mounted on a typical PC board at
ambient temperatures of +50°C, +70°C, and +85°C.
Figure 4 shows the maximum continuous output current
for a particular input-to-output voltage differential, for
selected ambient temperatures. The working principle is
that the SOT23-5 package is small enough that in a typi-
cal application circuit at room temperature, the package
cannot dissipate enough power to allow -6.5V to be reg-
ulated to -1.25V at -200mA output (more than 1200mW).
As ambient temperature falls, the available power dissi-
pation increases to allow for a greater operating region.
The equation for the family of curves follows:
where
|IOUT| is in mA, |VOUT - VIN| in V, PMAX (571mW)
is the absolute maximum rated power dissipation at
+70°C for the SOT23-5, and
θJA (0.140°C/mW) is the
approximate junction-to-ambient thermal resistance of
the SOT23-5 in a typical application.
A key to reducing
θCA, thereby increasing thermal con-
ductivity to the PC board, is to provide large PC board
pads and traces for IN.
__________Applications Information
Capacitor Selection and
Regulator Stability
Capacitors are required at the input and output of the
MAX1735. Connect a 1µF or greater capacitor between
IN and GND. This input capacitor serves only to lower
the source impedance of the input supply in transient
conditions; a smaller value can be used when the regu-
lator is powered from a low-impedance source, such as
another regulated supply or low-impedance batteries.
For output voltages between -2.5V and -5.5V, connect
a 1µF or greater capacitor between OUT and GND. For
voltages between -1.25V and -2.5V, use a 2.2µF or
greater output capacitor. The maximum value of the
output capacitor to guarantee stability is 10µF.
The output capacitor’s value and equivalent series
resistance (ESR) affect stability and output noise. To
ensure stability and optimum transient response, output
capacitor ESR should be 0.1
Ω or less for output volt-
ages from -1.25V to -2.45V and 0.2
Ω or less for output
voltages between -2.5V and -5.5V. Inexpensive sur-
face-mount ceramic capacitors typically have very-low
ESR and are commonly available in values up to 10µF.
Other low-ESR capacitors, such as surface-mount tan-
talum, may also be used. Do not use low-cost alu-
minum electrolytic capacitors due to their large size
and relatively high ESR. Lastly, make sure the input and
output capacitors are as close to the IC as possible to
minimize the impact of PC board trace impedance.
||
||
I
P
T
VV
OUT
MAX
A
JA
OUT
IN
=
70
θ
P
TT
TT
MAX
JMAX
A
JC
CA
JMAX
A
JA
=
+
=
θθ
θ
250
150
100
50
0
03
12
4
5
6
MAXIMUM OUTPUT CURRENT
vs. INPUT-OUTPUT VOLTAGE DIFFERENTIAL
INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V)
AT MAXIMUM
JUNCTION TEMP
(TJ = +150
°C)
200
MAXIMUM CONTINUOUS CURRENT
T
A = +50
°C
T
A = +70
°C
T
A = +85
°C
Figure 4. Output Current and In-Out Voltage Differential
Operating Region Bounded by Available Power Dissipation at
Selected Ambient Temperatures


Similar Part No. - MAX1735EUK30-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1735EUK MAXIM-MAX1735EUK Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 23, 2001
More results

Similar Description - MAX1735EUK30-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
   500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
logo
Texas Instruments
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
   Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Unisonic Technologies
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Linear Technology
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com