Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1734EUK18 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1734EUK18
Description  Low-Voltage, Step-Down DC-DC Converters in SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1734EUK18 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1734EUK18 Datasheet HTML 1Page - Maxim Integrated Products MAX1734EUK18 Datasheet HTML 2Page - Maxim Integrated Products MAX1734EUK18 Datasheet HTML 3Page - Maxim Integrated Products MAX1734EUK18 Datasheet HTML 4Page - Maxim Integrated Products MAX1734EUK18 Datasheet HTML 5Page - Maxim Integrated Products MAX1734EUK18 Datasheet HTML 6Page - Maxim Integrated Products MAX1734EUK18 Datasheet HTML 7Page - Maxim Integrated Products MAX1734EUK18 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX1733/MAX1734 step-down DC-DC converters
deliver over 250mA to outputs as low as 1.25V. These
converters use a unique proprietary current-limited con-
trol scheme that achieves over 90% efficiency. These
devices maintain extremely low quiescent supply cur-
rent (40µA), and their high 1.2MHz (max) operating fre-
quency permits small, low-cost external components.
This combination of features makes the MAX1733/
MAX1734 excellent high-efficiency alternatives to linear
regulators in space-constrained applications.
Internal synchronous rectification greatly improves effi-
ciency and eliminates the external Schottky diode
required in conventional step-down converters. Both
devices also include internal digital soft-start to limit
input current upon startup and reduce input capacitor
requirements.
The MAX1733 provides an adjustable output voltage
(1.25V to 2.0V). The MAX1734 provides factory-preset
output voltages (see Selector Guide). Both are avail-
able in space-saving 5-pin SOT23 packages.
Applications
Cellular, PCS, and Cordless Telephones
PDAs, Palmtops, and Handy-Terminals
Battery-Powered Equipment
Features
o 250mA Guaranteed Output Current
o Synchronous Rectifier for Over 90% Efficiency
o Tiny 5-Pin SOT23 Package
o 40µA Quiescent Supply Current
o 0.01µA Logic-Controlled Shutdown
o Up to 1.2MHz Switching Frequency
o Fixed 1.8V or 1.5V Outputs (MAX1734)
o Adjustable Output Voltage (MAX1733)
o ±1.5% Initial Accuracy
o 2.7V to 5.5V Input Range
o Soft-Start Limits Startup Current
Low-Voltage, Step-Down DC-DC Converters
in SOT23
________________________________________________________________ Maxim Integrated Products
1
GND
OUT (FB)
( ) ARE FOR MAX1733 ONLY.
SHDN
15
LX
IN
MAX1733
MAX1734
SOT23-5
TOP VIEW
2
34
Pin Configuration
OUT
VOUT AT
250mA
INPUT
+2.7V TO +5.5V
LX
IN
MAX1734
SHDN
GND
10
µH
22
µF
2.2
µF
Typical Operating Circuit
19-1586; Rev 0; 7/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Note: The MAX1734 offers two output voltages. See the Selector
Guide, then insert the proper designator into the blanks above to
complete the part number.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX1733EUK-T
-40
°C to +85°C
5 SOT23-5
MAX1734EUK_ _-T
-40
°C to +85°C
5 SOT23-5
Selector Guide
PART
VOUT (V)
TOP MARK
MAX1733EUK
Adjustable
ADKY
MAX1734EUK18
1.8
ADKW
MAX1734EUK15
1.5
ADKX


Similar Part No. - MAX1734EUK18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX173 MAXIM-MAX173 Datasheet
130Kb / 4P
   Complete 5us CMOS 10-Bit A/D Converter
MAX1730 MAXIM-MAX1730 Datasheet
137Kb / 8P
   50mA Regulated Step-Down Charge Pump for 1.8V or 1.9V Logic
Rev 0; 4/00
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX17300GEVKIT MAXIM-MAX17300GEVKIT Datasheet
9Mb / 32P
   Lithium battery pack of desired configuration
Rev 3; 2/21
MAX17301GEVKIT MAXIM-MAX17301GEVKIT Datasheet
9Mb / 41P
   Lithium battery pack of desired configuration
Rev 4; 3/21
More results

Similar Description - MAX1734EUK18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1921EUT25-T MAXIM-MAX1921EUT25-T Datasheet
803Kb / 11P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
MAX1920 MAXIM-MAX1920_V01 Datasheet
1Mb / 12P
   Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
   Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20029 MAXIM-MAX20029 Datasheet
677Kb / 17P
   Automotive Quad/Triple Low-Voltage Step-Down DC-DC Converters
Rev 11; 2/20
MAX1927 MAXIM-MAX1927 Datasheet
303Kb / 12P
   Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters
Rev 0; 7/02
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com