Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHE281XD Datasheet(PDF) 1 Page - International Rectifier

Part # AHE281XD
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHE281XD Datasheet(HTML) 1 Page - International Rectifier

  AHE281XD Datasheet HTML 1Page - International Rectifier AHE281XD Datasheet HTML 2Page - International Rectifier AHE281XD Datasheet HTML 3Page - International Rectifier AHE281XD Datasheet HTML 4Page - International Rectifier AHE281XD Datasheet HTML 5Page - International Rectifier AHE281XD Datasheet HTML 6Page - International Rectifier AHE281XD Datasheet HTML 7Page - International Rectifier AHE281XD Datasheet HTML 8Page - International Rectifier AHE281XD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
01/08/07
www.irf.com
1
AHE28XXD SERIES
Description
n 17V to 40VDC Input Range
n 28VDC Nominal Input
n ± 5V, ±12V and ±15V Outputs Available
n Indefinite Short Circuit and Overload
Protection
n 12.9W/in
3 Power Density
n 15W Output Power
n Fast Loop Response for Superior Transient
Characteristics
n Operating Temperature Range from -55°C to
+125°C Available
n Popular Industry Standard Pin-Out
n Resistance Seam Welded Case for Superior
Long Term Hermeticity
n Efficiencies up to 82%
n Shutdown from External Signal
n Military Screening
n 314,000 hour MTBF at 85°C (AUC)
n Standard Microcircuit Drawings Available
Features
AHE
28V Input, Dual Output
The AHE Series of DC/DC converters feature high
power density and an extended temperature range for
use in military and industrial applications. Designed to
MIL-STD-704D input requirements, these devices have
nominal 28VDC inputs with ±5V, ±12V and ±15V dual
outputs to satisfy a wide range of requirements. The
circuit design incorporates a pulse width modulated
push-pull topology operating in the feed-forward mode
at a nominal switching frequency of 250KHz. Input to
output isolation is achieved through the use of
transformers in the forward and feedback circuits.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DSCC
qualified processes. For available screening options,
refer to device screening table in the data sheet.
Variations in electrical, mechanical and screening can
be accommodated. Contact IR Santa Clara for special
requirements.
HYBRID-HIGH RELIABILITY
DC/DC CONVERTER
The advanced feedback design provides fast loop
response for superior line and load transient characteristics
and offers greater reliability and radiation tolerance
than devices incorporating optical feedback circuits.
PD-94555B


Similar Part No. - AHE281XD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHE2812D IRF-AHE2812D Datasheet
158Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2812D IRF-AHE2812D Datasheet
158Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2812D/CH-MSTR IRF-AHE2812D/CH-MSTR Datasheet
158Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2812D/CH-SLV IRF-AHE2812D/CH-SLV Datasheet
158Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2812D/ES-MSTR IRF-AHE2812D/ES-MSTR Datasheet
158Kb / 10P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AHE281XD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com