Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1726 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1726
Description  12V, Ultra-Low IQ, Low-Dropout Linear Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1726 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1726 Datasheet HTML 1Page - Maxim Integrated Products MAX1726 Datasheet HTML 2Page - Maxim Integrated Products MAX1726 Datasheet HTML 3Page - Maxim Integrated Products MAX1726 Datasheet HTML 4Page - Maxim Integrated Products MAX1726 Datasheet HTML 5Page - Maxim Integrated Products MAX1726 Datasheet HTML 6Page - Maxim Integrated Products MAX1726 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
12V, Ultra-Low IQ, Low-Dropout
Linear Regulators
_______________________________________________________________________________________
3
0
1
3
2
4
5
46
7
5
8
9
101112
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
0
1
3
2
4
5
SUPPLY CURRENT vs. LOAD CURRENT
LOAD CURRENT (mA)
010
515
20
VIN = 5V
0
3
2
1
4
5
-40
0
20
-20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 5V
-1.4
-1.0
-0.4
-0.6
-0.2
0
46
7
5
8
9
101112
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
-0.8
-1.2
ILOAD = 20mA
ILOAD = 1mA
NOMINAL OUTPUT = 3.3V
-0.8
-0.4
0.2
-0.2
0.6
0.8
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
0
4
26
20
0.4
0
-0.6
810 12 14
16 18
NOMINAL OUTPUT = 3.3V
VIN = 4.5V
-0.30
-0.10
0.10
0
0.20
0.30
-40
0
-20
20
40
60
80
NORMALIZED OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-0.20
IOUT = 1mA
Typical Operating Characteristics
(VOUT = +3.3V, IOUT = 1mA, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = VOUT + 1V, SHDN = IN, IOUT = 1mA, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Note 1: Limits are 100% production tested at +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed by OUT line-regulation testing.
Note 3: OUT accuracy from nominal voltage. The MAX1725 is tested at VOUT = 1.5V, 2.5V, and 5V.
Note 4: When VOUT falls to 4% below its value at VIN = VOUT + 1V.
IOUT from 1mA to 10mA, tR = tF = 1µs
∆VIN = ±0.25V, tR = tF = 5µs
f = 10Hz to 100kHz
CONDITIONS
mV
200
OUT Load-Transient
Overshoot/Undershoot
mV
15
OUT Line-Transient
Overshoot/Undershoot
µVRMS
350
en
OUT Noise
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER


Similar Part No. - MAX1726

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17260 MAXIM-MAX17260 Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260BEWL++ MAXIM-MAX17260BEWL+ Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260BEWL+T MAXIM-MAX17260BEWL+T Datasheet
1Mb / 33P
   5.1關A 1-Cell Fuel Gauge with ModelGauge m5 EZ and Optional High-Side Current Sensing
2018
MAX17260GEVKIT MAXIM-MAX17260GEVKIT Datasheet
1Mb / 17P
   Lithium battery pack of desired configuration
Rev 0; 5/18
MAX17260GEVKIT# MAXIM-MAX17260GEVKIT# Datasheet
1Mb / 17P
   Lithium battery pack of desired configuration
Rev 0; 5/18
More results

Similar Description - MAX1726

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX8880EUT MAXIM-MAX8880EUT Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Rev 2; 12/07
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com