Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEC-1840 Datasheet(PDF) 1 Page - Level One

Part # IEC-1840
Description  10/100 Industrial Media Converter, SC SM 20KM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

IEC-1840 Datasheet(HTML) 1 Page - Level One

  IEC-1840 Datasheet HTML 1Page - Level One IEC-1840 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/100 Industrial Media Converter, SC SM 20KM,
-40 to 75C IEC61850
Overview
LevelOne IEC-1840 is an industrial Fast Ethernet media converter with a
rugged aluminium case which providing superb heat dissipation. This
converter is designed to be mounted on an industrial standard DIN-rail,
plus the clearly visible status LEDs provide simple monitoring of port link
activity. It also features Link Fault Pass Through in order to alert remote
location when link status changes.
Substation & Railway Applications
This device is complied with IEC 61850-3 / IEEE 1613 for the power
substations and EN 50121-4 for the railway applications. IEC 61850-3 is
an international standard for electrical substation systems. The standard
enables integration of all control, measurement, monitoring and
protection functions within a substation.
Features
- Complies with IEC61850-3 and IEEE1613 Environmental requirements
for power substation automation systems
- Complies with NEMA TS1 & TS2 Environmental requirements for
Trac control equipment
- 100Base-FX Single-mode re for the link up to 20 kilometers
- DIP switch conguration for "Link-Fault-Pass-Through," link down
alarm, speed, duplex mode
- 128K bits bu er memory
- 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
- Full wire-speed forwarding rate
- Alarms for power and port link failure by relay output
- -40°C to 75°C (-40°F to 167°F) operating temperature range, tested for
functional operation @ -40°C to 85°C (-40°F to 185°F)
- IP30 aluminum case
- Supports DIN-rail mounting installation
Fault Detection
Relay contact sends alert signal when the power failed or a port link
disconnected, therefore the system operator can respond quickly. This
relay contact can be easily congured with a simple DIP switch.
Plug & Play
This Industrial media converter is designed for the demanding industrial
environments at businesses in need of instant connectivity with no
setup or congure required, truly plug and play.
High Reliability
All components are built to withstand harsh environment applications
without compromise where humidity, temperature variation and even
shock vibration are concerns, including Electric & Utility, Critical
Infrastructure, Transportation and Surveillance Security. This device
operates under -40 to 75 Celsius (-40 to 167 Fahrenheit) temperature.
Safety
Complies with NEMA (National Manufacturers Association) TS1 & TS2
Environmental certied for the Trac Control Equipment that withstand
extreme temperatures, operating voltage and humidity uctuation,
vibration and shock commonly experienced in severe outdoor
environments.
IEC-1840
Diagrams
Unit: mm
Side
Buttom
Back
Top
Front
50
110
+
+


Similar Part No. - IEC-1840

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-1800 LVL1-IEC-1800 Datasheet
327Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM, -40
IEC-1820 LVL1-IEC-1820 Datasheet
329Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
More results

Similar Description - IEC-1840

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-1820 LVL1-IEC-1820 Datasheet
329Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
IEC-1120 LVL1-IEC-1120 Datasheet
295Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
IEC-1040 LVL1-IEC-1040 Datasheet
319Kb / 2P
   10/100 Industrial Media Converter, SC SM 40KM
IEC-1140 LVL1-IEC-1140 Datasheet
296Kb / 2P
   10/100 Industrial Media Converter, SC SM 40KM
IEC-1100 LVL1-IEC-1100 Datasheet
285Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM
IEC-1000 LVL1-IEC-1000 Datasheet
317Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM
IEC-1800 LVL1-IEC-1800 Datasheet
327Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM, -40
IEC-2000 LVL1-IEC-2000 Datasheet
316Kb / 2P
   10/100/1000 Industrial Media Converter
IEC-2002 LVL1-IEC-2002 Datasheet
329Kb / 2P
   10/100/1000 Industrial Media Converter
IEC-2001 LVL1-IEC-2001 Datasheet
328Kb / 2P
   10/100/1000 Industrial Media Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com