Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEC-2001 Datasheet(PDF) 1 Page - Level One

Part # IEC-2001
Description  10/100/1000 Industrial Media Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

IEC-2001 Datasheet(HTML) 1 Page - Level One

  IEC-2001 Datasheet HTML 1Page - Level One IEC-2001 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/100/1000 Industrial Media Converter,
SC MM 550M, -40 to 75C
Overview
LevelOne IEC-2001 is an industrial Gigabit Ethernet media converter
with a rugged aluminium case which providing superb heat dissipation.
This converter is designed to be mounted on an industrial standard
DIN-rail, plus the clearly visible status LEDs provide simple monitoring of
port link activity. It also features Link Fault Pass Through in order to alert
remote location when link status changes.
Fault Detection
Relay contact sends alert signal when the power failed or a port link
disconnected, therefore the system operator can respond quickly. This
relay contact can be easily congured with a simple DIP switch.
Features
- Complies with NEMA TS1 & TS2 Environmental requirements for
Trac control equipment
- Complies with IEC61000-6-2 EMC Generic standard immunity for
Industrial environment
- 1000Base-SX Multi-mode ber for the link up to 550 meters
- DIP switch conguration for "Link-Fault-Pass-Through," link down
alarm, speed, duplex mode
- 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex,
Auto-Negotiation, Auto-MDI/MDIX
- Full wire-speed forwarding rate
- Alarms for power and port link failure by relay output
- -40°C to 75°C (-40°F to 167°F) operating temperature range, tested for
functional operation @ -40°C to 85°C (-40°F to 185°F)
- IP30 aluminum case
- Supports DIN-rail mounting installation
Safety
Complies with NEMA (National Manufacturers Association) TS1 & TS2
Environmental certied for the Trac Control Equipment that withstand
extreme temperatures, operating voltage and humidity uctuation,
vibration and shock commonly experienced in severe outdoor
environments.
High Reliability
All components are built to withstand harsh environment applications
without compromise where humidity, temperature variation and even
shock vibration are concerns, including Electric & Utility, Critical
Infrastructure, Transportation and Surveillance Security. This device
operates under -40 to 75 Celsius (-40 to 167 Fahrenheit) temperature.
IEC-2001
Diagrams
Unit: mm
50
110
+
+
Side
Buttom
Back
Top
Front


Similar Part No. - IEC-2001

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-2000 LVL1-IEC-2000 Datasheet
316Kb / 2P
   10/100/1000 Industrial Media Converter
IEC-2002 LVL1-IEC-2002 Datasheet
329Kb / 2P
   10/100/1000 Industrial Media Converter
More results

Similar Description - IEC-2001

ManufacturerPart #DatasheetDescription
logo
Level One
IEC-2000 LVL1-IEC-2000 Datasheet
316Kb / 2P
   10/100/1000 Industrial Media Converter
IEC-2002 LVL1-IEC-2002 Datasheet
329Kb / 2P
   10/100/1000 Industrial Media Converter
logo
Advantech Co., Ltd.
856-15410 ADVANTECH-856-15410 Datasheet
536Kb / 2P
   10/100/1000 Mbps Ethernet Media Converter
856-18830 ADVANTECH-856-18830 Datasheet
688Kb / 2P
   Industrial Grade 10/100/1000 Miniature Media Converters
logo
Level One
IEC-1100 LVL1-IEC-1100 Datasheet
285Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM
IEC-1820 LVL1-IEC-1820 Datasheet
329Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
IEC-1840 LVL1-IEC-1840 Datasheet
329Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
IEC-1120 LVL1-IEC-1120 Datasheet
295Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
IEC-1040 LVL1-IEC-1040 Datasheet
319Kb / 2P
   10/100 Industrial Media Converter, SC SM 40KM
IEC-1000 LVL1-IEC-1000 Datasheet
317Kb / 2P
   10/100 Industrial Media Converter, SC MM 2KM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com