Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1757 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1757
Description  Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1757 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1757 Datasheet HTML 1Page - Maxim Integrated Products MAX1757 Datasheet HTML 2Page - Maxim Integrated Products MAX1757 Datasheet HTML 3Page - Maxim Integrated Products MAX1757 Datasheet HTML 4Page - Maxim Integrated Products MAX1757 Datasheet HTML 5Page - Maxim Integrated Products MAX1757 Datasheet HTML 6Page - Maxim Integrated Products MAX1757 Datasheet HTML 7Page - Maxim Integrated Products MAX1757 Datasheet HTML 8Page - Maxim Integrated Products MAX1757 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Stand-Alone, Switch-Mode
Li+ Battery Charger with Internal 14V Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VDCIN = VHSD = VCSSP = VCSSN = 12V, V SHDN = VVL, VCELL = GND, VBATT = VCS = 4.2V, VVADJ = VREF/2,
VISETIN = VISETOUT = VREF, RTHM = 10k
Ω, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT, CS, DCIN, CSSP, CSSN, HSD to GND ........-0.3V to +15V
CSSP to CSSN.......................................................-0.6V to +0.6V
BST to GND ............................................................-0.3V to +21V
BST to LX..................................................................-0.3V to +6V
LX to PGND ..............................................-0.6V to (VHSD + 0.3V)
VL, SHDN, ISETIN, ISETOUT, REF, VADJ, CELL, TIMER1,
TIMER2, CCI, CCS, CCV, THM to GND ................-0.3V to +6V
FASTCHG, FULLCHG, FAULT to GND ..................-0.3V to +30V
CS to BATT Current ............................................................±3.5A
PGND to GND .......................................................-0.3V to +0.3V
VL Source Current...............................................................50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin SSOP (derate 9.5mW/°C above +70°C) ...........762mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
VBATT = 14V, done state
Falling edge
CELL = REF, VBATT = 12V, any charging state
V SHDN = GND, VBATT =14V
6V < VDCIN < 14V
Internal resistor between CS and BATT,
1.5A RMS operating
See PWM Controller section
VBST = VLX + 4.5V
VLX = VHSD = VDCIN =14V, VSHDN = GND
IREF = 0 to 1mA
VLX = PGND, VHSD = VDCIN = 14V,
V SHDN = GND
VCSSN = VCSSP = VDCIN = 14V, VSHDN = GND
6V < VDCIN < 14V
Rising edge
6V < VDCIN < 14V
IVL = 0 to 15mA
In dropout, fOSC / 4
6V < VDCIN < 14V
Nondropout fOSC
CONDITIONS
µA
150
270
BATT, CS Input Current
µA
280
540
µA
0.1
5
m
110
170
RCS
CS to BATT Current-Sensing
Resistance
12
LX to PGND On-Resistance
m
150
250
HSD to LX On-Resistance
µA
0.1
10
LX Off-State Leakage
µA
0.1
10
HSD Off-State Leakage
µA
210
CSSN/CSSP Off-State Leakage
%
97
98
LX Maximum Duty Cycle
kHz
270
300
330
fOSC
PWM Oscillator Frequency
V
0.075
0.125
0.175
DCIN to BATT Dropout
Threshold, DCIN Falling
mA
57
DCIN Quiescent Supply Current
mV
614
REF Load Regulation
mV
26
REF Line Regulation
V
V
0.20
0.30
0.40
DCIN to BATT Dropout
Threshold, DCIN Rising
V
5.10
5.40
5.70
VL Output Voltage
mV
44
65
VREF
4.179
4.20
4.221
REF Output Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
614
DCIN Input Voltage Range
SUPPLY AND REFERENCE
SWITCHING REGULATOR
VL Output Load Regulation


Similar Part No. - MAX1757

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1757 MAXIM-MAX1757 Datasheet
153Kb / 5P
   Fully Assembled and Tested
Rev 0; 10/00
MAX1757 MAXIM-MAX1757 Datasheet
828Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
2015
logo
Analog Devices
MAX17570 AD-MAX17570 Datasheet
3Mb / 29P
   4.5V to 60V, 300mA, Ultra Small, High- Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 7/23
MAX17570AATA++ AD-MAX17570AATA+ Datasheet
3Mb / 29P
   4.5V to 60V, 300mA, Ultra Small, High- Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 7/23
MAX17570AATA+T AD-MAX17570AATA+T Datasheet
3Mb / 29P
   4.5V to 60V, 300mA, Ultra Small, High- Efficiency Synchronous Step-Down DC-DC Converters
Rev 1; 7/23
More results

Similar Description - MAX1757

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1757 MAXIM-MAX1757_V01 Datasheet
828Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 14V Switch
2015
MAX1758 MAXIM-MAX1758 Datasheet
224Kb / 17P
   Stand-Alone, Switch-Mode Li Battery Charger with Internal 28V Switch
19-1752; Rev 1; 1/01
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com