Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-3211 Datasheet(PDF) 1 Page - Level One

Part # SFP-3211
Description  1.25G Single-mode SFP Transceiver (10km)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-3211 Datasheet(HTML) 1 Page - Level One

  SFP-3211 Datasheet HTML 1Page - Level One SFP-3211 Datasheet HTML 2Page - Level One SFP-3211 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFP-3211 하드웨어 버전: 3
1.25G Single-mode SFP Transceiver (10km)
LevelOne SFP-3211 is a high performance and cost-effective single-mode SFP transceiver. Intended for use with
Gigabit Ethernet, it provides up to 1.25 Gbps bidirectional data transfer rate on a single duplex fiber core. For use with
9 micron fiber cables, it can reach a distance of up to 10km. The SFP-3211 transceiver operates using a wavelength of
1310nm with a FP Laser Diode light source and has a LC connector.
Key Features
- 1310nm FPLD
- Data Rate: 1.25Gbps, NRZ
- Single +3.3V Power Supply
- RoHS Compliant and Lead-free
- AC/DC Differential Electrical Interface
- Compliant with Multi-Source Agreement (MSA)
- Duplex LC Connector
- Compliance with specifications for IEEE-802.3z Gigabit Ethernet at 1.25Gbps
- Compliance with ANSI specifications for Fiber Channel applications at 1.06bps
- No configuration or installation software required
- Eye Safety Designed to meet LASER Class 1 comply with EN60825-1
제품사양
System Specifications
Standards & Protocols:
IEEE 802.3z Gigabit Ethernet
SFP Multi-Sourcing Agreement(MSA)
www.level1.com
Page 1 of 3


Similar Part No. - SFP-3211

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-3211 LVL1-SFP-3211 Datasheet
1Mb / 4P
   L2 Managed Switch - 10 GE with 2 Combo SFP
SFP-3211 LVL1-SFP-3211 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
SFP-3211 LVL1-SFP-3211 Datasheet
1Mb / 4P
   20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

Similar Description - SFP-3211

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-9221 LVL1-SFP-9221 Datasheet
308Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1310/R1550nm
SFP-9231 LVL1-SFP-9231 Datasheet
314Kb / 4P
   1.25G SMF BIDI SFP Transceiver 10km T1550/R1310nm
logo
List of Unclassifed Man...
MXP-243S ETC2-MXP-243S Datasheet
302Kb / 7P
   1.25G SFP Transceiver
logo
Level One
SFP-4210 LVL1-SFP-4210 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
logo
ATGBICS by Approved Tec...
SFP-1.25G-LX10-C ATGBICS-SFP-1.25G-LX10-C Datasheet
322Kb / 9P
   SFP-1.25G-LX10 Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Level One
GVT-0201 LVL1-GVT-0201 Datasheet
550Kb / 4P
   1.25G SMF GBIC Transceiver, 10km, 1310nm
GVT-0301 LVL1-GVT-0301 Datasheet
194Kb / 2P
   Mini GBIC SFP transceiver LX Single-Mode (10km)
logo
Source Photonics, Inc.
FTM-5112C-SL30G SOURCE-FTM-5112C-SL30G Datasheet
275Kb / 10P
   1.25G Spring-Latch SFP Transceiver
FTM-5112C-SL80G SOURCE-FTM-5112C-SL80G Datasheet
239Kb / 10P
   1.25G Spring-Latch SFP Transceiver
logo
Finisar Corporation.
FTLX1472M3BNL FINISAR-FTLX1472M3BNL Datasheet
302Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com