Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT2200-50 Datasheet(PDF) 1 Page - Marktech Corporate

Part # UT2200-50
Description  LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

UT2200-50 Datasheet(HTML) 1 Page - Marktech Corporate

  UT2200-50_15 Datasheet HTML 1Page - Marktech Corporate UT2200-50_15 Datasheet HTML 2Page - Marktech Corporate UT2200-50_15 Datasheet HTML 3Page - Marktech Corporate UT2200-50_15 Datasheet HTML 4Page - Marktech Corporate UT2200-50_15 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com
FEATURES
Small Chip – 200 x 200 x 50 μm
UT LED Performance
2.5mW min. (520-535 nm) Green
5.5 mW min. (455–475 nm) Blue
8.0 mW min. (455-475 nm) Blue
Low Forward Voltage
2.9 V Typical at 5 mA
Single Wire Bond Structure
APPLICATIONS
Mobile Phone Keypads
Audio Product Display Lighting
Mobile Appliance Keypads
Automotive Applications
Cree® UltraThinII™ LED
Data Sheet
CxxxUT2200-Sxxxxx
Cree’s UltraThin LEDs combine highly efficient InGaN materials with Cree’s proprietary G•SiC® substrate to deliver
superior price/performance for blue LEDs. These vertically structured LED chips are small in size and require a low
forward voltage. Cree’s UT™ series chips are tested for conformity to optical and electrical specifications. Applications
include keypad backlighting where sub-miniaturization and thinner form factors are required.
CxxxUT2200-Sxxxxx Chip Diagram
Top View
Bottom View
G•SiC LED Chip
200 x 200 μm
SiC Substrate
h = 50 μm
Backside
Metallization
80 x 80 μm
Gold Bond Pad
90 μm Diameter
Die Cross Section
Cathode (-)
Anode (+)
SiC Substrate
Bottom Surface
150 x 150 μm2
Mesa (junction)
150 x 150 μm
InGaN


Similar Part No. - UT2200-50_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
UT2200-50 MARKTECH-UT2200-50 Datasheet
1Mb / 5P
   LED
More results

Similar Description - UT2200-50_15

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com